Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2111CIP Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML2111CIP
Description  Universal Dual High Frequency Filter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2111CIP Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML2111CIP Datasheet HTML 3Page - Micro Linear Corporation ML2111CIP Datasheet HTML 4Page - Micro Linear Corporation ML2111CIP Datasheet HTML 5Page - Micro Linear Corporation ML2111CIP Datasheet HTML 6Page - Micro Linear Corporation ML2111CIP Datasheet HTML 7Page - Micro Linear Corporation ML2111CIP Datasheet HTML 8Page - Micro Linear Corporation ML2111CIP Datasheet HTML 9Page - Micro Linear Corporation ML2111CIP Datasheet HTML 10Page - Micro Linear Corporation ML2111CIP Datasheet HTML 11Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
ML2111
7
TYPICAL PERFORMANCE CURVES (Continued)
Figure 2A. fCLK/f0 Deviation vs. Temperature
(50:1, VS = ±5V)
Q = 50
Q = 20
Q = 10
Q = 5
Mode 1
TA = 25ºC
VIN = 0.5VRMS
5
4
3
2
1
0
–1
–2
fCLK (MHz)
04
8
2
6
3
7
9
1
5
fCLK (MHz)
Mode 1
Q = 10
VIN = 0.5VRMS
TA = 85ºC
TA = 25ºC
12
10
8
6
4
2
0
–2
04
8
2
6
3
7
9
1
5
Figure 1D. fCLK/f0 vs. fCLK (100:1, VS = ±2.5V)
Mode 1
Q = 10
f0 = 100kHz
fCLK = 5MHz
VIN = 0.707VRMS
Temperature (ºC)
–40
20
60
100
–20
40
80
0
0.08
0.06
0.04
0.02
0.00
–0.02
–0.04
–0.06
Figure 2B. fCLK/f0 Deviation vs. Temperature
(100:1, VS = ±5V)
Temperature (ºC)
–40
20
60
100
–20
40
80
0
0.04
0.03
0.02
0.01
0
–0.01
Mode 1
Q = 10
f0 = 50kHz
fCLK = 5MHz
VIN = 0.707VRMS
Mode 1
Q = 10
f0 = 50kHz
fCLK = 2.5MHz
VIN = 0.5VRMS
Temperature (ºC)
20
60
100
–20
–40
40
80
0
0.10
0.08
0.06
0.04
0.02
0.00
–0.02
–0.04
–0.06
Figure 2C. fCLK/f0 Deviation vs. Temperature
(50:1, VS = ±2.5V)
Figure 2D. fCLK/f0 Deviation vs. Temperature
(100:1, VS = ±2.5V)
Mode 1
Q = 10
fo = 25kHz
fCLK = 2.5MHz
VIN = 0.5VRMS
Temperature (ºC)
20
60
100
–20
–40
40
80
0
0.06
0.04
0.02
0.00
–0.02
–0.04
–0.06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com