Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2111CIP Datasheet(PDF) 23 Page - Micro Linear Corporation

Part # ML2111CIP
Description  Universal Dual High Frequency Filter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2111CIP Datasheet(HTML) 23 Page - Micro Linear Corporation

Back Button ML2111CIP Datasheet HTML 18Page - Micro Linear Corporation ML2111CIP Datasheet HTML 19Page - Micro Linear Corporation ML2111CIP Datasheet HTML 20Page - Micro Linear Corporation ML2111CIP Datasheet HTML 21Page - Micro Linear Corporation ML2111CIP Datasheet HTML 22Page - Micro Linear Corporation ML2111CIP Datasheet HTML 23Page - Micro Linear Corporation ML2111CIP Datasheet HTML 24Page - Micro Linear Corporation ML2111CIP Datasheet HTML 25Page - Micro Linear Corporation ML2111CIP Datasheet HTML 26Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
ML2111
23
OPERATION MODES (Continued)
Mode 1a is a good choice when Butterworth filters are
desired since they have poles in a circle with the same f0.
Figure 31 shows an example of a 4th order, 100kHz
lowpass Butterworth filter clocked at 5MHz.
A monotonic passband response with a smooth transition
band results, showing the circuit's low sensitivity, even
though 1% resistors are used which results in an
approximate value of Q.
Figure 32 gives an example of a 4th order bandpass filter
implemented by cascading 2 sections, each with a Q of
10. This figure shows the amplitude response when fCLK =
7.5MHz, resulting in a center frequency of 150kHz and a
Q of 15.5.
Figure 33 uses mode 1d of a 4th order flter where each
section has a Q of 1, independent of resistor ratios. In this
mode, the input amplifier is outside the damping (Q)
loop. Therefore, its finite bandwidth does not degrade the
response at high frequency. This allows the amplifier to be
used as an anti-aliasing and continuous smoothing fliter
by placing a capacitor across R2.
OFFSETS
Switched capacitor integrators generally exhibit higher
input offsets than discrete RC integrators.
These offsets are mainly the charge injection of the
CMOS switchers into the integrating capacitors. The
internal op amp offsets also add to the overall offset
budget.Figure 35 shows half of the ML2111 filter with its
equivalent input offsets VOS1, VOS2, & VOS3.
The DC offset at the filter bandpass output is always equal
to VOS3. The DC offsets at the remaining two outputs
(Notch and LP) depend on the mode of operation and
external resistor ratios. Table 3 illustrates this.
It is important to know the value of the DC output offsets,
especially when the filter handles input signals with large
dynamic range. As a rule of thumb, the output DC offsets
increase when:
1. The Qs decrease
2. The ratio (fCLK/fo) increases beyond 100:1. This is done
by decreasing either the (R2/R4) or the R6/(R5 + R6)
resistor ratios.
+
Σ
15
5
VOS1
3
2
1
4
+
VOS3
VOS2
(18)
(17)
+
+
(16)
(19)
(20)
Figure 35. Equivalent Input Offsets of ½ of an ML2111 Filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com