Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2111CIP Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML2111CIP
Description  Universal Dual High Frequency Filter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2111CIP Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML2111CIP Datasheet HTML 1Page - Micro Linear Corporation ML2111CIP Datasheet HTML 2Page - Micro Linear Corporation ML2111CIP Datasheet HTML 3Page - Micro Linear Corporation ML2111CIP Datasheet HTML 4Page - Micro Linear Corporation ML2111CIP Datasheet HTML 5Page - Micro Linear Corporation ML2111CIP Datasheet HTML 6Page - Micro Linear Corporation ML2111CIP Datasheet HTML 7Page - Micro Linear Corporation ML2111CIP Datasheet HTML 8Page - Micro Linear Corporation ML2111CIP Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
May 1997
ML2111*
Universal Dual High Frequency Filter
BLOCK DIAGRAM
1
GENERAL DESCRIPTION
The ML2111 consists of two independent switched
capacitor filters that operate at up to 150kHz and perform
second order filter functions such as lowpass, bandpass,
highpass, notch and allpass. All filter configurations,
including Butterworth, Bessel, Cauer, and Chebyshev can
be formed.
The center frequency of these filters is tuned by an
external clock or the external clock and resistor ratio.
The ML2111 frequency range is specified up to 150kHz
with ±5.0V ±10% power supplies. Using a single 5.0V
±10% power supply the frequency range is up to 100kHz.
These filters are ideal where center frequency accuracy
and high Qs are needed.
The ML2111 is a pin compatible superior replacement for
MF10, LMF100, and LTC1060 filters.
FEATURES
s
Specified for operation up to 150kHz
s
Center frequency x Q product
£ 5MHz
s
Separate highpass, notch, allpass, bandpass, and
lowpass outputs
s
Center frequency accuracy of ±0.4% or ±0.8% max.
s
Q accuracy of ±4% or ±8% max.
s
Clock inputs are TTL or CMOS compatible
s
Single 5V (±2.25V) or ±5V supply operation
3
N/AP/HPA
2
BPA
1
LPA
4
INVA
5
S1A
S2A
10
CLKA
11
CLKB
12
50/100HOLD
9
LEVEL SHIFT
CONTROL
LEVEL
SHIFT
NON-OVERLAP
CLOCK
LEVEL
SHIFT
NON-OVERLAP
CLOCK
19
BPB
20
LPB
17
INVB
AGND
15
16
18
N/AP/HPB
S1B
6
SA/B
S2B
8
VD+
7
VA+
14
VA-
13
VD-
-
+
-
+
∫
∫
+
Σ
-
-
∫
∫
+
Σ
-
-
* Some Packages Are End Of Life and Obsolete


Similar Part No. - ML2111CIP

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML2110 OKI-ML2110 Datasheet
532Kb / 101P
Speech Control Processor
ML2110TC OKI-ML2110TC Datasheet
532Kb / 101P
Speech Control Processor
More results

Similar Description - ML2111CIP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MF10 NSC-MF10 Datasheet
706Kb / 20P
Universal Monolithic Dual Switched Capacitor Filter
logo
Sanyo Semicon Device
LC7152 SANYO-LC7152 Datasheet
272Kb / 12P
Universal Dual-PLL Frequency Synthesizers
LC7153 SANYO-LC7153 Datasheet
276Kb / 11P
Universal Dual-PLL Frequency Synthesizers?
logo
Linear Technology
LTC1060 LINER-LTC1060 Datasheet
1Mb / 20P
Universal Dual Filter Building Block
LTC1060CS LINER-LTC1060CS Datasheet
173Kb / 3P
Universal Dual Filter Building Block?
logo
National Semiconductor ...
AF151 NSC-AF151 Datasheet
268Kb / 9P
DUAL UNIVERSAL ACTIVE FILTER
logo
Linear Technology
LTC1060 LINER-LTC1060_09 Datasheet
263Kb / 20P
Universal Dual Filter Building Block
LTC1060 LINER-LTC1060_15 Datasheet
269Kb / 20P
Universal Dual Filter Building Block
logo
Texas Instruments
MF10-N TI1-MF10-N_17 Datasheet
2Mb / 36P
Universal Monolithic Dual Switched Capacitor Filter
logo
Mixed Signal Integratio...
MSUHF MSI-MSUHF Datasheet
80Kb / 7P
High Frequency Resistor Programmable Universal Active Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com