Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2111CIP Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML2111CIP
Description  Universal Dual High Frequency Filter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2111CIP Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML2111CIP Datasheet HTML 1Page - Micro Linear Corporation ML2111CIP Datasheet HTML 2Page - Micro Linear Corporation ML2111CIP Datasheet HTML 3Page - Micro Linear Corporation ML2111CIP Datasheet HTML 4Page - Micro Linear Corporation ML2111CIP Datasheet HTML 5Page - Micro Linear Corporation ML2111CIP Datasheet HTML 6Page - Micro Linear Corporation ML2111CIP Datasheet HTML 7Page - Micro Linear Corporation ML2111CIP Datasheet HTML 8Page - Micro Linear Corporation ML2111CIP Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
ML2111
5
ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
FILTER, VA+ = VD+ = 2.25V, VA- = VD- = -2.25V, VIN = 0.707 x VPK (0.5 x VRMS) (Continued)
Noise (Note 3)
Bandpass
100kHz, 50:1
105
µVRMS
Figure 15 (Mode 1),
50kHz, 100:1
123
µVRMS
Q = 1, R1 = R2 = R3 = 2k
W
Lowpass
100kHz, 50:1
122
µVRMS
50kHz, 100:1
152
µVRMS
Notch
100kHz, 50:1
117
µVRMS
50kHz, 100:1
138
µVRMS
Noise (Note 3)
Bandpass,
100kHz, 50:1
265
µVRMS
Figure 15 (Mode 1), Q = 10,
R1 = 20k
W
50kHz, 100:1
335
µVRMS
R3 = 20k
W, R2 = 2kW
Lowpass,
100kHz, 50:1
270
µVRMS
R1 = 2k
W
50kHz, 100:1
245
µVRMS
Notch,
100kHz, 50:1
65
µVRMS
R1 = 2k
W
50kHz, 100:1
73
µVRMS
OPERATIONAL AMPLIFIERS
VOS1
DC Offset Voltage
215
mV
AVOL
DC Open Loop Gain
RL = 1kW
95
dB
Gain Bandwidth Product
2.4
MHz
Slew Rate
2.0
V/µs
Output Voltage Swing (Clipping Level)
RL = 2kW, |V| from VA+ or VA-
0.5
1.2
V
Output Short Circuit Current
Source
50
mA
Sink
25
mA
CLOCK
VCLK Input Low Voltage
0.6
V
VCLK Input High Voltage
3.0
V
CLKA, CLKB Pulse Width
|VD+| - |VD-| ³ 4.5V
100
ns
CLKA, CLKB Pulse Width
|VD+| - |VD-| ³ .90V
66
ns
SUPPLY
(IA+)+(ID+) Supply Current, (VA+) + (VD+)fCLK = 5MHz
13
22
mA
(IA-)+(ID-) Supply Current, (VA-) + (VD-)fCLK = 5MHz
12
21
mA
ILSh
Supply Current, LSh
fCLK = 5MHz
0.5
1
mA
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst case test conditions.
Note 2: The center frequency is defined as the peak of the bandpass output.
Note 3: The noise is meassured with an HP8903A audio analyzer with a bandwidth of 700kHz, which is 7.5 times the f0 at 50:1 and 15 times the f0 at 100:1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com