Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2111CIP Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML2111CIP
Description  Universal Dual High Frequency Filter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2111CIP Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML2111CIP Datasheet HTML 1Page - Micro Linear Corporation ML2111CIP Datasheet HTML 2Page - Micro Linear Corporation ML2111CIP Datasheet HTML 3Page - Micro Linear Corporation ML2111CIP Datasheet HTML 4Page - Micro Linear Corporation ML2111CIP Datasheet HTML 5Page - Micro Linear Corporation ML2111CIP Datasheet HTML 6Page - Micro Linear Corporation ML2111CIP Datasheet HTML 7Page - Micro Linear Corporation ML2111CIP Datasheet HTML 8Page - Micro Linear Corporation ML2111CIP Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
ML2111
4
ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
FILTER (Continued)
Gain Accuracy, DC Lowpass
R1,R3 = 20k
W, R2 = 2kW,
0.01
2
%
100:1, f0 = 50kHz, Q = 10
Gain Accuracy, Bandpass at f0
R1,R3 = 20k
W, R2 = 2kW, B Suffix
1
4
%
100:1, f0 = 50kHz, Q = 10 C Suffix
1
6
%
Gain Accuracy, DC Notch Output
R1,R3 = 20k
W, R2 = 2kW,
0.02
2
%
100:1, f0 = 50kHz, Q = 10
Noise (Note 3)
Bandpass
100kHz, 50:1
103
µVRMS
Figure 15 (Mode 1),
50kHz, 100:1
121
µVRMS
Q = 1, R1 = R2 = R3 = 2k
W
Lowpass
100kHz, 50:1
120
µVRMS
50kHz, 100:1
150
µVRMS
Notch
100kHz, 50:1
115
µVRMS
50kHz, 100:1
135
µVRMS
Noise (Note 3)
Bandpass,
100kHz, 50:1
262
µVRMS
Figure 15 (Mode 1),
R1 = 20k
W
50kHz, 100:1
333
µVRMS
Q = 10, R3 = 20k
W, R2 = 2kW
Lowpass,
100kHz, 50:1
268
µVRMS
R1 = 2k
W
50kHz, 100:1
342
µVRMS
Notch,
100kHz, 50:1
64
µVRMS
R1 = 2k
W
50kHz, 100:1
72
µVRMS
Crosstalk
fCLK = 5MHz, f0= 100kHz
-50
dB
FILTER, VA+ = VD+ = 2.25V, VA- = VD- = -2.25V, VIN = 0.707 x VPK (0.5 x VRMS)
f0(MAX)
Maximum Center Frequency
Figure 15 (Mode 1),
75
kHz
Q
£ 50, Q Accuracy £ ± 30%
Figure 15 (Mode 1),
100
kHz
Q
£ 20, Q Accuracy £ ± 15%
f0(MIN)
Minimum Center Frequency
Figure 15 (Mode 1),
25
Hz
Q
£ 50, Q Accuracy £ ± 30%
Figure 15 (Mode 1),
25
Hz
Q
£ 20, Q Accuracy £ ± 15%
Clock to Center Frequency Ratio
50:1, fCLK = 2.5MHz
B Suffix
49.65
49.85
50.05
Q = 10, Figure 15 (Mode 1)
C Suffix
49.45
49.85
50.25
100:1, fCLK = 2.5MHz
B Suffix
99.60
100.0
100.4
C Suffix
99.20
100.0
100.8
fCLK
Clock Frequency
Q
£ 20, Q Accuracy £ ±15%
2.5
5000
kHz
Q Accuracy
fCLK = 2.5MHz, Q = 10,
B Suffix
±4
%
50:1, Figure 15 (Mode 1)
C Suffix
±8
%
fCLK = 2.5MHz, Q = 10,
B Suffix
±3
%
100:1, Figure 15 (Mode 1) C Suffix
±6
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com