Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2111CIP Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML2111CIP
Description  Universal Dual High Frequency Filter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2111CIP Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML2111CIP Datasheet HTML 1Page - Micro Linear Corporation ML2111CIP Datasheet HTML 2Page - Micro Linear Corporation ML2111CIP Datasheet HTML 3Page - Micro Linear Corporation ML2111CIP Datasheet HTML 4Page - Micro Linear Corporation ML2111CIP Datasheet HTML 5Page - Micro Linear Corporation ML2111CIP Datasheet HTML 6Page - Micro Linear Corporation ML2111CIP Datasheet HTML 7Page - Micro Linear Corporation ML2111CIP Datasheet HTML 8Page - Micro Linear Corporation ML2111CIP Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
ML2111
2
PIN DESCRIPTION
PIN
NAME
FUNCTION
1LPA
Lowpass output for biquad A.
2BPA
Bandpass output for biquad A.
3
N/AP/HPA
Notch/allpass/highpass output for
biquad A.
4
INVA
Inverting input of the summing op amp
for biquad A.
5S1A
Auxiliary signal input pin used in
modes 1a, 1d, 4, 5, and 6b.
6SA/B
Controls S2 input function.
7VA+
Positive analog supply.
8VD+
Positive digital supply.
9
LSh
Reference point for clock input levels.
Logic threshold typically 1.4V above
LSh voltage.
10
CLKA
Clock input for biquad A.
PIN
NAME
FUNCTION
11
CLKB
Clock input for biquad B.
12
50/100/HOLD
Input pin to control the clock-to-
center-frequency ratio of 50:1 or
100:1, or to stop the clock to hold the
last sample of the bandpass or lowpass
outputs.
13
VD-
Negative digital supply.
14
VA-
Negative analog supply.
15
AGND
Analog ground.
16
S1B
Auxiliary signal input pin used in
modes 1a, 1d, 4, 5, and 6b.
17
INVB
Inverting input of the summing op amp
for biquad B.
18
N/AP/HPB
Notch/allpass/highpass output for
biquad B.
19
BPB
Bandpass output for biquad B.
20
LPB
Lowpass output for biquad B.
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
LPA
BPA
N/AP/HPA
INVA
S1A
SA/B
VA+
VD+
LSh
CLKA
LPB
BPB
N/AP/HPB
INVB
S1B
AGND
VA-
VD-
50/100/HOLD
CLKB
TOP VIEW
ML2111
20-Pin PDIP (P20)
20-Pin SOIC (S20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com