Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25LS512A Datasheet(PDF) 9 Page - AMIC Technology

Part # A25LS512A
Description  512Kbit Low Voltage, Serial Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25LS512A Datasheet(HTML) 9 Page - AMIC Technology

Back Button A25LS512A Datasheet HTML 5Page - AMIC Technology A25LS512A Datasheet HTML 6Page - AMIC Technology A25LS512A Datasheet HTML 7Page - AMIC Technology A25LS512A Datasheet HTML 8Page - AMIC Technology A25LS512A Datasheet HTML 9Page - AMIC Technology A25LS512A Datasheet HTML 10Page - AMIC Technology A25LS512A Datasheet HTML 11Page - AMIC Technology A25LS512A Datasheet HTML 12Page - AMIC Technology A25LS512A Datasheet HTML 13Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
A25LS512A Series
(November, 2014, Version 1.1)
8
AMIC Technology Corp.
MEMORY ORGANIZATION
The memory is organized as:
262,144 bytes (8 bits each)
4 64-Kbytes blocks
64 4-Kbytes sectors
1024 pages (256 bytes each)
Each page can be individually programmed (bits are
programmed from 1 to 0). The device is Sector, Block, or Chip
Erasable (bits are erased from 0 to 1) but not Page Erasable.
Table 2. Memory Organization
A25LS512A Address Table
Block
Sector
Address Range
15
F000h
FFFFh
3
3000h
3FFFh
2
2000h
2FFFh
1
1000h
1FFFh
0
0
0000h
0FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com