Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25LS512A Datasheet(PDF) 19 Page - AMIC Technology

Part # A25LS512A
Description  512Kbit Low Voltage, Serial Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25LS512A Datasheet(HTML) 19 Page - AMIC Technology

Back Button A25LS512A Datasheet HTML 15Page - AMIC Technology A25LS512A Datasheet HTML 16Page - AMIC Technology A25LS512A Datasheet HTML 17Page - AMIC Technology A25LS512A Datasheet HTML 18Page - AMIC Technology A25LS512A Datasheet HTML 19Page - AMIC Technology A25LS512A Datasheet HTML 20Page - AMIC Technology A25LS512A Datasheet HTML 21Page - AMIC Technology A25LS512A Datasheet HTML 22Page - AMIC Technology A25LS512A Datasheet HTML 23Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
A25LS512A Series
(November, 2014, Version 1.1)
18
AMIC Technology Corp.
Page Program (PP)
The Page Program (PP) instruction allows bytes to be
programmed in the memory (changing bits from 1 to 0).
Before it can be accepted, a Write Enable (WREN) instruction
must previously have been executed. After the Write Enable
(WREN) instruction has been decoded, the device sets the
Write Enable Latch (WEL).
The Page Program (PP) instruction is entered by driving Chip
Select ( S ) Low, followed by the instruction code, three
address bytes and at least one data byte on Serial Data Input
(DIO). If the 8 least significant address bits (A7-A0) are not all
zero, all transmitted data that goes beyond the end of the
current page are programmed from the start address of the
same page (from the address whose 8 least significant bits
(A7-A0) are all zero). Chip Select ( S ) must be driven Low for
the entire duration of the sequence.
The instruction sequence is shown in Figure 12. If more than
256 bytes are sent to the device, previously latched data are
discarded and the last 256 data bytes are guaranteed to be
programmed correctly within the same page. If less than 256
Data bytes are sent to device, they are correctly programmed
at the requested addresses without having any effects on the
other bytes of the same page.
Chip Select ( S ) must be driven High after the eighth bit of the
last data byte has been latched in, otherwise the Page
Program (PP) instruction is not executed.
As soon as Chip Select ( S ) is driven High, the self-timed
Page Program cycle (whose duration is tPP) is initiated. While
the Page Program cycle is in progress, the Status Register
may be read to check the value of the Write In Progress (WIP)
bit. The Write In Progress (WIP) bit is 1 during the self-timed
Page Program cycle, and is 0 when it is completed. At some
unspecified time before the cycle is completed, the Write
Enable Latch (WEL) bit is reset.
A Page Program (PP) instruction applied to a page which is
protected by the Block Protect (BP2, BP1, BP0) bits (see
table 1and table 2.) is not executed.
Figure 12. Page Program (PP) Instruction Sequence
S
C
DIO
Instruction
MSB
810
9
01 2 3 4 5 6 7
24-Bit Address
28 29 30 31 32 33 34 35 36 37 38 39
23 22 21
3 21 0
Data Byte 1
MSB
7 6 54 32 1 0
3
Data Byte 256
55
53 54
52
Data Byte 3
51
50
49
48
47
46
45
44
43
42
41
40
Data Byte 2
0
MSB
7 6 54 32 1
MSB
7 6 54 32 1 0
MSB
7 6 54 32 1 0
S
C
DIO
Note: Address bits A23 to A16 are Don’t Care, for A25LS512A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com