Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25LS512A Datasheet(PDF) 25 Page - AMIC Technology

Part # A25LS512A
Description  512Kbit Low Voltage, Serial Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25LS512A Datasheet(HTML) 25 Page - AMIC Technology

Back Button A25LS512A Datasheet HTML 21Page - AMIC Technology A25LS512A Datasheet HTML 22Page - AMIC Technology A25LS512A Datasheet HTML 23Page - AMIC Technology A25LS512A Datasheet HTML 24Page - AMIC Technology A25LS512A Datasheet HTML 25Page - AMIC Technology A25LS512A Datasheet HTML 26Page - AMIC Technology A25LS512A Datasheet HTML 27Page - AMIC Technology A25LS512A Datasheet HTML 28Page - AMIC Technology A25LS512A Datasheet HTML 29Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
A25LS512A Series
(November, 2014, Version 1.1)
24
AMIC Technology Corp.
Read Electronic Manufacturer ID & Device ID (REMS)
The Read Electronic Manufacturer ID & Device ID (REMS)
instruction allows the 8-bit manufacturer identification code to
be read, followed by one byte of device identification. The
manufacturer identification is assigned by JEDEC, and has
the value 37h for AMIC. The device identification is assigned
by the device manufacturer.
Any Read Electronic Manufacturer ID & Device ID (REMS)
instruction while an Erase, or Program cycle is in progress, is
not decoded, and has no effect on the cycle that is in
progress.
The device is first selected by driving Chip Select ( S ) Low.
The 8-bit instruction code is followed by 2 dummy bytes and
one byte address (A7~A0), each bit being latched-in on Serial
Data Input (DIO) during the rising edge of Serial Clock (C).
If the one-byte address is set to 01h, then the device ID will
be read first and then followed by the Manufacturer ID. On
the other hand, if the one-byte address is set to 00h, then the
Manufacturer ID will be read first and then followed by the
device ID.
The instruction sequence is shown in Figure 18. The Read
Electronic Manufacturer ID & Device ID (REMS) instruction is
terminated by driving Chip Select ( S ) High at any time during
data output.
When Chip Select ( S ) is driven High, the device is put in the
Stand-by Power mode. Once in the Stand-by Power mode,
the device waits to be selected, so that it can receive, decode
and execute instructions.
Table 7. Read Electronic Manufacturer ID & Device ID (REMS) Data-Out Sequence
Manufacture Identification
Device Identification
C2h
05h
Figure 18. Read Electronic Manufacturer ID & Device ID (REMS) Instruction Sequence and Data-Out Sequence
Instruction
High Impedance
MSB
810
9
0 1 234 5 6 7
2 Dummy Bytes
20 21 22 23
15 14 13
3 21 0
Manufacturer ID
0
S
C
DIO
DO
S
C
DIO
DO
24 25 26 27 28 29 30 31
65 4
1
7
3
32 33 34 35 36 37 38 39
20
ADD(1)
MSB
0
MSB
7 6 54 32 1
MSB
7 6 54 32 1 0
40 41 42 43 44 45 46 47
Device ID
Notes:
(1) ADD=00h will output the manufacturer ID first and ADD=01h will output device ID first



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com