Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25LS512A Datasheet(PDF) 14 Page - AMIC Technology

Part # A25LS512A
Description  512Kbit Low Voltage, Serial Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25LS512A Datasheet(HTML) 14 Page - AMIC Technology

Back Button A25LS512A Datasheet HTML 10Page - AMIC Technology A25LS512A Datasheet HTML 11Page - AMIC Technology A25LS512A Datasheet HTML 12Page - AMIC Technology A25LS512A Datasheet HTML 13Page - AMIC Technology A25LS512A Datasheet HTML 14Page - AMIC Technology A25LS512A Datasheet HTML 15Page - AMIC Technology A25LS512A Datasheet HTML 16Page - AMIC Technology A25LS512A Datasheet HTML 17Page - AMIC Technology A25LS512A Datasheet HTML 18Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
A25LS512A Series
(November, 2014, Version 1.1)
13
AMIC Technology Corp.
Table 5. Protection Modes
Memory Content
W
Signal
SRWD
Bit
Mode
Write Protection of the Status
Register
Protected Area
1
Unprotected Area
1
1
0
0
0
1
1
Software
Protected
(SPM)
Status Register is Writable (if the
WREN instruction has set the WEL
bit).
The values in the SRWD, BP2, BP1,
and BP0 bits can be changed
Protected against Page
Program, Sector Erase,
Block Erase, and Chip
Erase
Ready to accept Page
Program, Sector Erase,
and Block Erase
instructions
0
1
Hardware
Protected
(HPM)
Status Register is Hardware write
protected.
The values in the SRWD, BP2, BP1,
and BP0 bits cannot be changed
Protected against Page
Program, Sector Erase,
Block Erase, and Chip
Erase
Ready to accept Page
Program, Sector Erase,
and Block Erase
instructions
Note: 1. As defined by the values in the Block Protect (BP2, BP1, BP0) bits of the Status Register, as shown in Table 1.
The protection features of the device are summarized in Table
5.
When the Status Register Write Disable (SRWD) bit of the
Status Register is 0 (its initial delivery state), it is possible to
write to the Status Register provided that the Write Enable
Latch (WEL) bit has previously been set by a Write Enable
(WREN) instruction, regardless of the whether Write Protect
(
W ) is driven High or Low.
When the Status Register Write Disable (SRWD) bit of the
Status Register is set to 1, two cases need to be considered,
depending on the state of Write Protect (
W ):
­
If Write Protect (
W ) is driven High, it is possible to write
to the Status Register provided that the Write Enable
Latch (WEL) bit has previously been set by a Write
Enable (WREN) instruction.
­
If Write Protect (W) is driven Low, it is not possible to
write to the Status Register even if the Write Enable Latch
(WEL) bit has previously been set by a Write Enable
(WREN) instruction. (Attempts to write to the Status
Register are rejected, and are not accepted for execution).
As a consequence, all the data bytes in the memory area
that are software protected (SPM) by the Block Protect
(BP2, BP1, BP0) bits of the Status Register, are also
hardware protected against data modification.
Regardless of the order of the two events, the Hardware
Protected Mode (HPM) can be entered:
­
by setting the Status Register Write Disable (SRWD) bit
after driving Write Protect (
W ) Low
­
or by driving Write Protect (
W ) Low after setting the
Status Register Write Disable (SRWD) bit.
The only way to exit the Hardware Protected Mode (HPM)
once entered is to pull Write Protect (
W ) High.
If Write Protect (
W ) is permanently tied High, the Hardware
Protected Mode (HPM) can never be activated, and only the
Software Protected Mode (SPM), using the Block Protect
(BP2, BP1, BP0) bits of the Status Register, can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com