Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25LS512A Datasheet(PDF) 28 Page - AMIC Technology

Part # A25LS512A
Description  512Kbit Low Voltage, Serial Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25LS512A Datasheet(HTML) 28 Page - AMIC Technology

Back Button A25LS512A Datasheet HTML 24Page - AMIC Technology A25LS512A Datasheet HTML 25Page - AMIC Technology A25LS512A Datasheet HTML 26Page - AMIC Technology A25LS512A Datasheet HTML 27Page - AMIC Technology A25LS512A Datasheet HTML 28Page - AMIC Technology A25LS512A Datasheet HTML 29Page - AMIC Technology A25LS512A Datasheet HTML 30Page - AMIC Technology A25LS512A Datasheet HTML 31Page - AMIC Technology A25LS512A Datasheet HTML 32Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
A25LS512A Series
(November, 2014, Version 1.1)
27
AMIC Technology Corp.
POWER-UP AND POWER-DOWN
At Power-up and Power-down, the device must not be
selected (that is Chip Select ( S ) must follow the voltage
applied on VCC) until VCC reaches the correct value:
­
VCC (min) at Power-up, and then for a further delay of tVSL
­
VSS at Power-down
Usually a simple pull-up resistor on Chip Select ( S ) can be
used to insure safe and proper Power-up and Power-down.
To avoid data corruption and inadvertent write operations
during power up, a Power On Reset (POR) circuit is included.
The logic inside the device is held reset while VCC is less than
the POR threshold value, VWI – all operations are disabled,
and the device does not respond to any instruction.
Moreover, the device ignores all Write Enable (WREN), Page
Program (PP), Sector Erase (SE), Block Erase (BE), Chip
Erase (CE) and Write Status Register (WRSR) instructions
until a time delay of tPUW has elapsed after the moment that
VCC rises above the VWI threshold. However, the correct
operation of the device is not guaranteed if, by this time, VCC
is still below VCC(min). No Write Status Register, Program or
Erase instructions should be sent until the later of:
­
tPUW after VCC passed the VWI threshold
- tVSL afterVCC passed the VCC(min) level
These values are specified in Table 8.
If the delay, tVSL, has elapsed, after VCC has risen above
VCC(min), the device can be selected for Read instructions
even if the tPUW delay is not yet fully elapsed.
At Power-up, the device is in the following state:
­
The device is in the Standby mode (not the Deep
Power-down mode).
­
The Write Enable Latch (WEL) bit is reset.
Normal precautions must be taken for supply rail decoupling,
to stabilize the VCC feed. Each device in a system should
have the VCC rail decoupled by a suitable capacitor close to
the package pins. (Generally, this capacitor is of the order of
0.1µF).
At Power-down, when VCC drops from the operating voltage,
to below the POR threshold value, VWI, all operations are
disabled and the device does not respond to any instruction.
(The designer needs to be aware that if a Power-down occurs
while a Write, Program or Erase cycle is in progress, some
data corruption can result.)
Figure 21. Power-up Timing
time
V
CC
V
CC(max)
V
CC(min)
t
PUW
Full Device Access
V
WI
t
VSL
Read
Access
allowed
Reset
State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com