Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25LS512A Datasheet(PDF) 17 Page - AMIC Technology

Part # A25LS512A
Description  512Kbit Low Voltage, Serial Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25LS512A Datasheet(HTML) 17 Page - AMIC Technology

Back Button A25LS512A Datasheet HTML 13Page - AMIC Technology A25LS512A Datasheet HTML 14Page - AMIC Technology A25LS512A Datasheet HTML 15Page - AMIC Technology A25LS512A Datasheet HTML 16Page - AMIC Technology A25LS512A Datasheet HTML 17Page - AMIC Technology A25LS512A Datasheet HTML 18Page - AMIC Technology A25LS512A Datasheet HTML 19Page - AMIC Technology A25LS512A Datasheet HTML 20Page - AMIC Technology A25LS512A Datasheet HTML 21Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
A25LS512A Series
(November, 2014, Version 1.1)
16
AMIC Technology Corp.
Fast Read Dual Output (3Bh)
The Fast Read Dual Output (3Bh) instruction is similar to the
Fast_Read (0Bh) instruction except the data is output on two
pins, DO and DIO, instead of just DO. This allows data to be
transferred from the A25LS512A at twice the rate of standard
SPI devices.
Similar to the Fast Read instruction, the Fast Read Dual
Output instruction can operate at the highest possible
frequency
of
fC (See AC Characteristics). This is
accomplished by adding eight “dummy” clocks after the
24-bit address as shown in figure 10. The dummy clocks
allow the device’s internal circuits additional time for setting
up the initial address. The input data during the dummy
clocks is “don’t care”. However, the DIO pin should be
high-impedance prior to the falling edge of the first data out
clock.
Figure 10. FAST_READ_DUAL_OUTPUT Instruction Sequence and Data-Out Sequence
Instruction
High Impedance
MSB
810
9
01 2 3 4 5 6 7
24-Bit Address
28 29 30 31
23 22 21
3 21 0
7
0
S
C
DIO
DO
S
C
DIO
DO
32 33 34 35 36 37 38 39
654
1
7
3
40 41 42 43 44 45 46 47
20
Dummy Byte
MSB
1
MSB
7 5 31 75 3
MSB
7 5 31 75 3 1
6 4 2 0 6 4 2 0 6 4 2 0 6 4 2 0
Data Out 1
Data Out 2
Data Out 3
Data Out 4
DIO switches from input to output
Note: Address bits A23 to A16 are Don’t Care, for A25LS512A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com