Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25LS512A Datasheet(PDF) 18 Page - AMIC Technology

Part # A25LS512A
Description  512Kbit Low Voltage, Serial Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25LS512A Datasheet(HTML) 18 Page - AMIC Technology

Back Button A25LS512A Datasheet HTML 14Page - AMIC Technology A25LS512A Datasheet HTML 15Page - AMIC Technology A25LS512A Datasheet HTML 16Page - AMIC Technology A25LS512A Datasheet HTML 17Page - AMIC Technology A25LS512A Datasheet HTML 18Page - AMIC Technology A25LS512A Datasheet HTML 19Page - AMIC Technology A25LS512A Datasheet HTML 20Page - AMIC Technology A25LS512A Datasheet HTML 21Page - AMIC Technology A25LS512A Datasheet HTML 22Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
A25LS512A Series
(November, 2014, Version 1.1)
17
AMIC Technology Corp.
Fast Read Dual Input-Output (BBh)
The Fast Read Dual Input-Output (BBh) instruction is similar
to the Fast_Read (0Bh) instruction except the data is input
and output on two pins, DO and DIO, instead of just DO. This
allows data to be transferred from the A25LS512A at twice
the rate of standard SPI devices.
Similar to the Fast Read instruction, the Fast Read Dual
Output instruction can operate at the highest possible
frequency
of
fC (See AC Characteristics). This is
accomplished by adding four “dummy” clocks after the 24-bit
address as shown in figure 11. The dummy clocks allow the
device’s internal circuits additional time for setting up the
initial address. The input data during the dummy clocks is
“don’t care”. However, the DIO and DO pins should be
high-impedance prior to the falling edge of the first data out
clock.
Figure 11. FAST_READ_DUAL_INPUT-OUTPUT Instruction Sequence and Data-Out Sequence
Instruction
High Impedance
MSB
810
9
01 2 3 4 5 6 7
24-Bit Address
16 17 18 19
22 20 18
6 42 0
7
0
S
C
DIO
DO
S
C
DIO
DO
20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35
Dummy
Byte
MSB
1
MSB
7 5 31 75 3
MSB
7 5 31 75 3 1
6 4 2 0 6 4 2 0 6 4 2 0 6 4 2 0
Data Out 2
Data Out 3
Data Out 4
Data Out 5
DIO switches from input to output
21 19
5 3 1
23
7
6 4 2 0
3 2 1 0
7 531
MSB
Data Out 1
Note: Address bits A23 to A16 are Don’t Care, for A25LS512A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com