Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25LS512A Datasheet(PDF) 24 Page - AMIC Technology

Part # A25LS512A
Description  512Kbit Low Voltage, Serial Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25LS512A Datasheet(HTML) 24 Page - AMIC Technology

Back Button A25LS512A Datasheet HTML 20Page - AMIC Technology A25LS512A Datasheet HTML 21Page - AMIC Technology A25LS512A Datasheet HTML 22Page - AMIC Technology A25LS512A Datasheet HTML 23Page - AMIC Technology A25LS512A Datasheet HTML 24Page - AMIC Technology A25LS512A Datasheet HTML 25Page - AMIC Technology A25LS512A Datasheet HTML 26Page - AMIC Technology A25LS512A Datasheet HTML 27Page - AMIC Technology A25LS512A Datasheet HTML 28Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
A25LS512A Series
(November, 2014, Version 1.1)
23
AMIC Technology Corp.
Read Device Identification (RDID)
The Read Identification (RDID) instruction allows the 8-bit
manufacturer identification code to be read, followed by two
bytes of device identification. The manufacturer identification
is assigned by JEDEC, and has the value 37h. The device
identification is assigned by the device manufacturer, and
indicates the memory in the first bytes (30h), and the memory
capacity of the device in the second byte.
Any Read Identification (RDID) instruction while an Erase, or
Program cycle is in progress, is not decoded, and has no
effect on the cycle that is in progress.
The device is first selected by driving Chip Select ( S ) Low.
Then, the 8-bit instruction code for the instruction is shifted in.
This is followed by the 24-bit device identification, stored in
the memory, being shifted out on Serial Data Output (DO),
each bit being shifted out during the falling edge of Serial
Clock (C).
The instruction sequence is shown in Figure 17. The Read
Identification (RDID) instruction is terminated by driving Chip
Select ( S ) High at any time during data output.
When Chip Select ( S ) is driven High, the device is put in the
Stand-by Power mode. Once in the Stand-by Power mode,
the device waits to be selected, so that it can receive, decode
and execute instructions.
Table 6. Read Identification (READ_ID) Data-Out Sequence
Manufacture Identification
Device Identification
Manufacture ID
Memory Type
Memory Capacity
C2h
20h
10h
Figure 17. Read Identification (RDID) Instruction Sequence and Data-Out Sequence
S
C
DIO
DO
Instruction
High Impedance
810
9
01
2
3 4
5 6
7
21
30
22 23 24 25 26
29
31
Manufacture ID
Memory Type
76
5
21
0
15 14 13
10
9
8
23 22 21
18 17 16
13
15
14
16 17 18
Memory Capacity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com