Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25LS512A Datasheet(PDF) 41 Page - AMIC Technology

Part # A25LS512A
Description  512Kbit Low Voltage, Serial Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25LS512A Datasheet(HTML) 41 Page - AMIC Technology

Back Button A25LS512A Datasheet HTML 35Page - AMIC Technology A25LS512A Datasheet HTML 36Page - AMIC Technology A25LS512A Datasheet HTML 37Page - AMIC Technology A25LS512A Datasheet HTML 38Page - AMIC Technology A25LS512A Datasheet HTML 39Page - AMIC Technology A25LS512A Datasheet HTML 40Page - AMIC Technology A25LS512A Datasheet HTML 41Page - AMIC Technology A25LS512A Datasheet HTML 42Page - AMIC Technology A25LS512A Datasheet HTML 43Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
A25LS512A Series
(November, 2014, Version 1.1)
40
AMIC Technology Corp.
Package Information
TSSOP 8L Outline Dimensions
unit: inches/mm
D
b
e
4
1
5
8
y
C
L
θ
L1
Dimensions in inches
Dimensions in mm
Symbol
Min
Nom
Max
Min
Nom
Max
A
-
-
0.0472
-
-
1.200
A1
0.0020
-
0.0059
0.050
-
0.150
A2
0.0315
0.0394
0.0413
0.800
1.000
1.050
b
0.0075
-
0.0118
0.190
-
0.300
c
0.0035
-
0.0079
0.090
-
0.200
E
0.2441
0.2520
0.2598
6.200
6.400
6.600
E1
0.1693
0.1732
0.1772
4.300
4.400
4.500
e
-
0.0256
-
-
0.650
-
D
0.1142
0.1181
0.1220
2.900
3.000
3.100
L
0.0177
0.0236
0.0295
0.450
0.600
0.750
L1
-
0.0394
-
-
1.000
-
y
-
-
0.0039
-
-
0.100
θ
0
°
-
8
°
0
°
-
8
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com