Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25LS512A Datasheet(PDF) 2 Page - AMIC Technology

Part # A25LS512A
Description  512Kbit Low Voltage, Serial Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25LS512A Datasheet(HTML) 2 Page - AMIC Technology

  A25LS512A Datasheet HTML 1Page - AMIC Technology A25LS512A Datasheet HTML 2Page - AMIC Technology A25LS512A Datasheet HTML 3Page - AMIC Technology A25LS512A Datasheet HTML 4Page - AMIC Technology A25LS512A Datasheet HTML 5Page - AMIC Technology A25LS512A Datasheet HTML 6Page - AMIC Technology A25LS512A Datasheet HTML 7Page - AMIC Technology A25LS512A Datasheet HTML 8Page - AMIC Technology A25LS512A Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
A25LS512A Series
512Kbit Low Voltage, Serial Flash Memory
With 100MHz Uniform 4KB Sectors
(November, 2014, Version 1.1)
1
AMIC Technology Corp.
FEATURES
Family of Serial Flash Memories
- A25LS512A: 512K-bit /64K-byte
Flexible Sector Architecture with 4KB sectors
- Sector Erase (4K-bytes) in 0.2s (typical)
- Block Erase (64K-bytes) in 0.5s (typical)
Page Program (up to 256 Bytes) in 2ms (typical)
2.7 to 3.6V Single Supply Voltage
SPI Bus Compatible Serial Interface
100MHz Clock Rate (maximum)
Electronic Signatures
- JEDEC Standard Two-Byte Signature
A25LS512A (3010h)
- RES Instruction, One-Byte, Signature, for backward
compatibility
A25LS512A (05h)
Package options
- 8-pin SOP (150/209mil), 8-pin DIP (300mil), 8-pin TSSOP ,
8-pin USON (2*3mm) and 8-pin WSON (6*5mm)
- All Pb-free (Lead-free) products are RoHS2.0 compliant
GENERAL DESCRIPTION
The A25LS512A is 512K bit Serial Flash Memory, with
advanced write protection mechanisms, accessed by a high
speed SPI-compatible bus.
The memory can be programmed 1 to 256 bytes at a time,
using the Page Program instruction.
The memory is organized as one block, containing 16 sectors.
Each sector is composed of 16 pages. Each page is 256 bytes
wide. Thus, the whole memory can be viewed as consisting of
512 pages, or 65,536 bytes.
The whole memory can be erased using the Chip Erase
instruction, a block at a time, using Block Erase instruction, or a
sector at a time, using the Sector Erase instruction.
Pin Configurations
SOP8 Connections
DIP8 Connections
HOLD
A25LS512A
V
CC
C
DO
DIO
S
W
V
SS
1
8
2
7
3
6
4
5
V
CC
C
S
W
HOLD
V
SS
1
8
2
7
3
6
4
5
DO
DIO
A25LS512A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com