Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25LS512A Datasheet(PDF) 16 Page - AMIC Technology

Part # A25LS512A
Description  512Kbit Low Voltage, Serial Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25LS512A Datasheet(HTML) 16 Page - AMIC Technology

Back Button A25LS512A Datasheet HTML 12Page - AMIC Technology A25LS512A Datasheet HTML 13Page - AMIC Technology A25LS512A Datasheet HTML 14Page - AMIC Technology A25LS512A Datasheet HTML 15Page - AMIC Technology A25LS512A Datasheet HTML 16Page - AMIC Technology A25LS512A Datasheet HTML 17Page - AMIC Technology A25LS512A Datasheet HTML 18Page - AMIC Technology A25LS512A Datasheet HTML 19Page - AMIC Technology A25LS512A Datasheet HTML 20Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
A25LS512A Series
(November, 2014, Version 1.1)
15
AMIC Technology Corp.
Read Data Bytes at Higher Speed (FAST_READ)
The device is first selected by driving Chip Select ( S ) Low.
The instruction code for the Read Data Bytes at Higher
Speed (FAST_READ) instruction is followed by a 3-byte
address (A23-A0) and a dummy byte, each bit being
latched-in during the rising edge of Serial Clock (C). Then the
memory contents, at that address, is shifted out on Serial
Data Output (DO), each bit being shifted out, at a maximum
frequency fC, during the falling edge of Serial Clock (C).
The instruction sequence is shown in Figure 9. The first byte
addressed can be at any location. The address is
automatically incremented to the next higher address after
each byte of data is shifted out. The whole memory can,
therefore, be read with a single Read Data Bytes at Higher
Speed (FAST_READ) instruction. When the highest address
is reached, the address counter rolls over to 000000h,
allowing the read sequence to be continued indefinitely.
The Read Data Bytes at Higher Speed (FAST_READ)
instruction is terminated by driving Chip Select ( S ) High.
Chip Select ( S ) can be driven High at any time during data
output. Any Read Data Bytes at Higher Speed (FAST_READ)
instruction, while an Erase, Program or Write cycle is in
progress, is rejected without having any effects on the cycle
that is in progress.
Figure 9. Read Data Bytes at Higher Speed (FAST_READ) Instruction Sequence and Data-Out Sequence
Instruction
High Impedance
MSB
810
9
01 2 3 4 5 6 7
24-Bit Address
28 29 30 31
23 22 21
3 21 0
Data Out 1
Data Out 2
7
0
S
C
DIO
DO
S
C
DIO
DO
32 33 34 35 36 37 38 39
65 4
1
7
3
40 41 42 43 44 45 46 47
20
Dummy Byte
MSB
0
MSB
7 6 54 32 1
MSB
7 6 54 32 1 0
Note: Address bits A23 to A16 are Don’t Care, for A25LS512A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com