Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25LS512A Datasheet(PDF) 43 Page - AMIC Technology

Part # A25LS512A
Description  512Kbit Low Voltage, Serial Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25LS512A Datasheet(HTML) 43 Page - AMIC Technology

Back Button A25LS512A Datasheet HTML 35Page - AMIC Technology A25LS512A Datasheet HTML 36Page - AMIC Technology A25LS512A Datasheet HTML 37Page - AMIC Technology A25LS512A Datasheet HTML 38Page - AMIC Technology A25LS512A Datasheet HTML 39Page - AMIC Technology A25LS512A Datasheet HTML 40Page - AMIC Technology A25LS512A Datasheet HTML 41Page - AMIC Technology A25LS512A Datasheet HTML 42Page - AMIC Technology A25LS512A Datasheet HTML 43Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 43 / 43 page
background image
A25LS512A Series
(November, 2014, Version 1.1)
42
AMIC Technology Corp.
Package Information
WSON 8L (6 X 5 X 0.8mm) Outline Dimensions
unit: mm/mil
1
4
58
0.25 C
E
E2
e
b
8
0.10
//
C
y C
Seating Plane
Pin1 ID Area
5
6
7
14
3
2
C0.30
Dimensions in mm
Dimensions in mil
Symbol
Min
Nom
Max
Min
Nom
Max
A
0.700
0.750
0.800
27.6
29.5
31.5
A1
0.000
0.020
0.050
0.0
0.8
2.0
A3
0.203 REF
8.0 REF
b
0.350
0.400
0.480
13.8
15.8
18.9
D
5.900
6.000
6.100
232.3
236.2
240.2
D2
3.200
3.400
3.600
126.0
133.9
141.7
E
4.900
5.000
5.100
192.9
196.9
200.8
E2
3.800
4.000
4.200
149.6
157.5
165.4
L
0.500
0.600
0.750
19.7
23.6
29.5
e
1.270 BSC
50.0 BSC
y
0
-
0.080
0
-
3.2
Note:
1. Controlling dimension: millimeters
2. Leadframe thickness is 0.203mm (8mil)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com