Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25LS512A Datasheet(PDF) 39 Page - AMIC Technology

Part # A25LS512A
Description  512Kbit Low Voltage, Serial Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25LS512A Datasheet(HTML) 39 Page - AMIC Technology

Back Button A25LS512A Datasheet HTML 35Page - AMIC Technology A25LS512A Datasheet HTML 36Page - AMIC Technology A25LS512A Datasheet HTML 37Page - AMIC Technology A25LS512A Datasheet HTML 38Page - AMIC Technology A25LS512A Datasheet HTML 39Page - AMIC Technology A25LS512A Datasheet HTML 40Page - AMIC Technology A25LS512A Datasheet HTML 41Page - AMIC Technology A25LS512A Datasheet HTML 42Page - AMIC Technology A25LS512A Datasheet HTML 43Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
A25LS512A Series
(November, 2014, Version 1.1)
38
AMIC Technology Corp.
Package Information
SOP 8L (150mil) Outline Dimensions
unit: mm
D
b
L
°
° 8
~
0
e
Symbol
Dimensions in mm
A
1.35~1.75
A1
0.10~0.25
b
0.33~0.51
D
4.7~5.0
E
3.80~4.00
e
1.27 BSC
HE
5.80~6.20
L
0.40~1.27
Notes:
1.
Maximum allowable mold flash is 0.15mm.
2.
Complies with JEDEC publication 95 MS –012 AA.
3.
All linear dimensions are in millimeters (max/min).
4.
Coplanarity: Max. 0.1mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com