Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F84A-20/P Datasheet(PDF) 25 Page - Microchip Technology

Part # PIC16F84A-20/P
Description  18-pin Enhanced Flash/EEPROM 8-Bit Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-20/P Datasheet(HTML) 25 Page - Microchip Technology

Back Button PIC16F84A-20/P Datasheet HTML 21Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 22Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 23Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 24Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 25Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 26Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 27Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 28Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
PIC16F84A
© 1998 Microchip Technology Inc.
Preliminary
DS35007A-page 25
6.4
Power-on Reset (POR)
A Power-on Reset pulse is generated on-chip when
VDD rise is detected (in the range of 1.2V - 1.7V). To
take advantage of the POR, just tie the MCLR pin
directly (or through a resistor) to VDD. This will
eliminate external RC components usually needed to
create Power-on Reset. A minimum rise time for VDD
must be met for this to operate properly. See Electrical
Specifications for details.
When the device starts normal operation (exits the
reset condition), device operating parameters (voltage,
frequency, temperature, ...) must be meet to ensure
operation. If these conditions are not met, the device
must be held in reset until the operating conditions
are met.
For additional information, refer to Application Note
AN607, "
Power-up Trouble Shooting."
The POR circuit does not produce an internal reset
when VDD declines.
6.5
Power-up Timer (PWRT)
The Power-up Timer (PWRT) provides a fixed 72 ms
nominal time-out (TPWRT) from POR (Figure 6-7,
Figure 6-8, Figure 6-9 and Figure 6-10). The Power-up
Timer operates on an internal RC oscillator. The chip is
kept in reset as long as the PWRT is active. The PWRT
delay allows the VDD to rise to an acceptable level (Pos-
sible exception shown in Figure 6-10).
A configuration bit, PWRTE, can enable/disable the
PWRT. See Figure 6-1 for the operation of the PWRTE
bit for a particular device.
The power-up time delay TPWRT will vary from chip to
chip due to VDD, temperature, and process variation.
See DC parameters for details.
6.6
Oscillator Start-up Timer (OST)
The Oscillator Start-up Timer (OST) provides a 1024
oscillator cycle delay (from OSC1 input) after the
PWRT delay ends (Figure 6-7, Figure 6-8, Figure 6-9
and Figure 6-10). This ensures the crystal oscillator or
resonator has started and stabilized.
The OST time-out (TOST) is invoked only for XT, LP and
HS modes and only on Power-on Reset or wake-up
from SLEEP.
When VDD rises very slowly, it is possible that the
TPWRT time-out and TOST time-out will expire before
VDD has reached its final value. In this case
(Figure 6-10), an external power-on reset circuit may
be necessary (Figure 6-6).
FIGURE 6-6:
EXTERNAL POWER-ON
RESET CIRCUIT (FOR SLOW
VDD POWER-UP)
Note 1: External Power-on Reset circuit is required
only if VDD power-up rate is too slow. The
diode D helps discharge the capacitor
quickly when VDD powers down.
2: R < 40 k
Ω is recommended to make sure
that voltage drop across R does not exceed
0.2V (max leakage current spec on MCLR
pin is 5
µA). A larger voltage drop will
degrade VIH level on the MCLR pin.
3: R1 = 100
Ω to 1 kΩ will limit any current
flowing into MCLR from external
capacitor C in the event of an MCLR pin
breakdown due to ESD or EOS.
C
R1
R
D
VDD
MCLR
PIC16FXX
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com