Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F84A-20/P Datasheet(PDF) 51 Page - Microchip Technology

Part # PIC16F84A-20/P
Description  18-pin Enhanced Flash/EEPROM 8-Bit Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-20/P Datasheet(HTML) 51 Page - Microchip Technology

Back Button PIC16F84A-20/P Datasheet HTML 47Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 48Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 49Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 50Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 51Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 52Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 53Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 54Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
PIC16F84A
© 1998 Microchip Technology Inc.
Preliminary
DS35007A-page 51
FIGURE 9-5:
RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER AND POWER-UP
TIMER TIMING
TABLE 9-5
RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER AND POWER-UP
TIMER REQUIREMENTS
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
30
TmcL
MCLR Pulse Width (low)
2 *
—
—
µs
VDD = 5.0V, extended
31
Twdt
Watchdog Timer Time-out Period
(No Prescaler)
7 *
18
33 *
ms
VDD = 5.0V, extended
32
Tost
Oscillation Start-up Timer Period
1024TOSC
ms
TOSC = OSC1 period
33
Tpwrt
Power-up Timer Period
28 *
72
132 *
ms
VDD = 5.0V, extended
34
TIOZ
I/O Hi-impedance from MCLR
Low or reset
—
—
100 *
ns
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
VDD
MCLR
Internal
POR
PWRT
Time-out
OSC
Time-out
Internal
RESET
Watchdog
Timer
RESET
33
32
30
31
34
I/O Pins
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com