Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F84A-20/P Datasheet(PDF) 52 Page - Microchip Technology

Part # PIC16F84A-20/P
Description  18-pin Enhanced Flash/EEPROM 8-Bit Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-20/P Datasheet(HTML) 52 Page - Microchip Technology

Back Button PIC16F84A-20/P Datasheet HTML 48Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 49Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 50Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 51Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 52Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 53Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 54Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 55Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
PIC16F84A
DS35007A-page 52
Preliminary
© 1998 Microchip Technology Inc.
FIGURE 9-6:
TIMER0 CLOCK TIMINGS
TABLE 9-6
TIMER0 CLOCK REQUIREMENTS
Parameter
No.
Sym
Characteristic
Min
Typ† Max Units
Conditions
40
Tt0H T0CKI High Pulse Width No Prescaler
0.5TCY + 20 *
—
—
ns
With Prescaler
50 *
30 *
—
—
—
—
ns
ns
2.0V
≤ VDD ≤ 3.0V
3.0V
≤ VDD ≤ 6.0V
41
Tt0L T0CKI Low Pulse Width No Prescaler
0.5TCY + 20 *
—
—
ns
With Prescaler
50 *
20 *
—
—
—
—
ns
ns
2.0V
≤ VDD ≤ 3.0V
3.0V
≤ VDD ≤ 6.0V
42
Tt0P T0CKI Period
TCY + 40 *
N
—
—
ns
N = prescale value
(2, 4, ..., 256)
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
RA4/T0CKI
40
41
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com