Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F84A-20/P Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC16F84A-20/P
Description  18-pin Enhanced Flash/EEPROM 8-Bit Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-20/P Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC16F84A-20/P Datasheet HTML 45Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 46Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 47Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 48Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 49Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 50Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 51Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 52Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
PIC16F84A
© 1998 Microchip Technology Inc.
Preliminary
DS35007A-page 49
9.5.3
TIMING DIAGRAMS AND SPECIFICATIONS
FIGURE 9-3:
EXTERNAL CLOCK TIMING
OSC1
CLKOUT
Q4
Q1
Q2
Q3
Q4
Q1
13
3
4
4
2
TABLE 9-3
EXTERNAL CLOCK TIMING REQUIREMENTS
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
FOSC
External CLKIN Frequency
(1)
DC
—
2
MHz
XT, RC osc
(-04, LF)
DC
—
4
MHz
XT, RC osc
(-04)
DC
—
20
MHz
HS osc
(-20)
DC
—
200
kHz
LP osc
(-04, LF)
Oscillator Frequency
(1)
DC
—
2
MHz
RC osc
(-04, LF)
DC
—
4
MHz
RC osc
(-04)
0.1
—
2
MHz
XT osc
(-04, LF)
0.1
—
4
MHz
XT osc
(-04)
1.0
—
20
MHz
HS osc
(-20)
DC
—
200
kHz
LP osc
(-04, LF)
1
Tosc
External CLKIN Period
(1)
500
—
—
ns
XT, RC osc
(-04, LF)
250
—
—
ns
XT, RC osc
(-04)
100
—
—
ns
HS osc
(-20)
5.0
—
—
µs
LP osc
(-04, LF)
Oscillator Period
(1)
500
—
—
ns
RC osc
(-04, LF)
250
—
—
ns
RC osc
(-04)
500
—
10,000
ns
XT osc
(-04, LF)
250
—
10,000
ns
XT osc
(-04)
100
—
1,000
ns
HS osc
(-20)
5.0
—
—
µs
LP osc
(-04, LF)
2TCY
Instruction Cycle Time
(1)
0.4
4/Fosc
DC
µs
3
TosL,
TosH
Clock in (OSC1) High or Low
Time
60 *
—
—
ns
XT osc
(-04, LF)
50 *
—
—
ns
XT osc
(-04)
2.0 *
—
—
µs
LP osc
(-04, LF)
35 *
—
—
ns
HS osc
(-20)
4
TosR,
TosF
Clock in (OSC1) Rise or Fall Time
25 *
—
—
ns
XT osc
(-04)
50 *
—
—
ns
LP osc
(-04, LF)
15 *
—
—
ns
HS osc
(-20)
*
These parameters are characterized but no tested.
†
Data in "Typ" column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1:
Instruction cycle period (TCY) equals four times the input oscillator time-base period. All specified values are based on
characterization data for that particular oscillator type under standard operating conditions with the device executing code.
Exceeding these specified limits may result in an unstable oscillator operation and/or higher than expected current con-
sumption. All devices are tested to operate at "min." values with an external clock applied to the OSC1 pin.
When an external clock input is used, the "Max." cycle time limit is "DC" (no clock) for all devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com