Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F84A-20/P Datasheet(PDF) 45 Page - Microchip Technology

Part # PIC16F84A-20/P
Description  18-pin Enhanced Flash/EEPROM 8-Bit Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-20/P Datasheet(HTML) 45 Page - Microchip Technology

Back Button PIC16F84A-20/P Datasheet HTML 41Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 42Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 43Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 44Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 45Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 46Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 47Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 48Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
PIC16F84A
© 1998 Microchip Technology Inc.
Preliminary
DS35007A-page 45
9.3
DC CHARACTERISTICS:
PIC16F84A-04 (Commercial, Industrial)
PIC16F84A-20 (Commercial, Industrial)
PIC16LF84A-04 (Commercial, Industrial)
DC Characteristics
All Pins Except
Power Supply Pins
Standard Operating Conditions (unless otherwise stated)
Operating temperature
0
°C ≤ TA ≤ +70°C (commercial)
-40
°C ≤ TA ≤ +85°C (industrial)
Operating voltage VDD range as described in DC spec
Section 9.1 and Section 9.2.
Parame-
ter
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
Input Low Voltage
VIL
I/O ports
D030
with TTL buffer
VSS
—
0.8
V
4.5V
≤ VDD ≤ 5.5V (Note 4)
D030A
VSS
—
0.16VDD
V
entire range (Note 4)
D031
with Schmitt Trigger buffer
VSS
—
0.2VDD
V
entire range
D032
MCLR, RA4/T0CKI
Vss
—
0.2VDD
V
D033
OSC1 (XT, HS and LP modes)
Vss
—
0.3VDD
V
(Note 1)
D034
OSC1 (RC mode)
Vss
—
0.1VDD
V
Input High Voltage
VIH
I/O ports
—
D040
D040A
with TTL buffer
2.0
0.25VDD
+0.8
—
—
VDD
VDD
V
V
4.5V
≤ VDD ≤ 5.5V (Note 4)
entire range (Note 4)
D041
with Schmitt Trigger buffer
0.8 VDD
—
VDD
entire range
D042
MCLR, RA4/T0CKI
0.8 VDD
—
VDD
V
D043
OSC1 (XT, HS and LP modes)
0.7 VDD
—
VDD
V
(Note 1)
D043A
OSC1 (RC mode)
0.9 VDD
VDD
V
D050
VHYS
Hysteresis of
Schmitt Trigger inputs
—
0.1
—
V
D070
IPURB
PORTB weak pull-up current
50*
250*
400*
µAVDD = 5.0V, VPIN = VSS
Input Leakage Current
(Note 2,3)
D060
IIL
I/O ports
——
±1
µA
Vss
≤ VPIN ≤ VDD,
Pin at hi-impedance
D061
MCLR, RA4/T0CKI
——
±5
µA
Vss
≤ VPIN ≤ VDD
D063
OSC1
——
±5
µA
Vss
≤ VPIN ≤ VDD, XT, HS
and LP osc configuration
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: In RC oscillator configuration, the OSC1 pin is a Schmitt Trigger input. Do not drive the PIC16F84A with an
external clock while the device is in RC mode, or chip damage may result.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified lev-
els represent normal operating conditions. Higher leakage current may be measured at different input volt-
ages.
3: Negative current is defined as coming out of the pin.
4: The user may choose the better of the two specs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com