Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F84A-20/P Datasheet(PDF) 29 Page - Microchip Technology

Part # PIC16F84A-20/P
Description  18-pin Enhanced Flash/EEPROM 8-Bit Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-20/P Datasheet(HTML) 29 Page - Microchip Technology

Back Button PIC16F84A-20/P Datasheet HTML 25Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 26Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 27Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 28Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 29Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 30Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 31Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 32Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
PIC16F84A
© 1998 Microchip Technology Inc.
Preliminary
DS35007A-page 29
6.8.1
INT INTERRUPT
External interrupt on RB0/INT pin is edge triggered:
either rising if INTEDG bit (OPTION_REG<6>) is set,
or falling, if INTEDG bit is clear. When a valid edge
appears
on
the
RB0/INT
pin,
the
INTF
bit
(INTCON<1>) is set. This interrupt can be disabled by
clearing control bit INTE (INTCON<4>). Flag bit INTF
must be cleared in software via the interrupt service
routine before re-enabling this interrupt. The INT
interrupt can wake the processor from SLEEP
(Section 6.11) only if the INTE bit was set prior to going
into SLEEP. The status of the GIE bit decides whether
the processor branches to the interrupt vector
following wake-up.
6.8.2
TMR0 INTERRUPT
An overflow (FFh
→ 00h) in TMR0 will set flag bit T0IF
(INTCON<2>). The interrupt can be enabled/disabled
by setting/clearing enable bit T0IE (INTCON<5>)
(Section 4.0).
6.8.3
PORB INTERRUPT
An input change on PORTB<7:4> sets flag bit RBIF
(INTCON<0>). The interrupt can be enabled/disabled
by setting/clearing enable bit RBIE (INTCON<3>)
(Section 3.2).
6.8.4
DATA EEPROM INTERRUPT
At the completion of a data EEPROM write cycle, flag
bit EEIF (EECON1<4>) will be set. The interrupt can be
enabled/disabled by setting/clearing enable bit EEIE
(INTCON<6>) (Section 5.0).
6.9
Context Saving During Interrupts
During an interrupt, only the return PC value is saved
on the stack. Typically, users wish to save key register
values during an interrupt (e.g., W register and STATUS
register). This is implemented in software.
Example 6-1 stores and restores the STATUS and W
register’s values. The User defined registers, W_TEMP
and STATUS_TEMP are the temporary storage
locations for the W and STATUS registers values.
Example 6-1 does the following:
a)
Stores the W register.
b)
Stores the STATUS register in STATUS_TEMP.
c)
Executes the Interrupt Service Routine code.
d)
Restores the STATUS (and bank select bit)
register.
e)
Restores the W register.
EXAMPLE 6-1:
SAVING STATUS AND W REGISTERS IN RAM
PUSH
MOVWF
W_TEMP
; Copy W to TEMP register,
SWAPF
STATUS, W
; Swap status to be saved into W
MOVWF
STATUS_TEMP
; Save status to STATUS_TEMP register
ISR
:
:
:
; Interrupt Service Routine
:
;
should configure Bank as required
:
;
POP
SWAPF
STATUS_TEMP, W
; Swap nibbles in STATUS_TEMP register
; and place result into W
MOVWF
STATUS
; Move W into STATUS register
;
(sets bank to original state)
SWAPF
W_TEMP, F
; Swap nibbles in W_TEMP and place result in W_TEMP
SWAPF
W_TEMP, W
; Swap nibbles in W_TEMP and place result into W
Note 1: For a change on the I/O pin to be
recognized, the pulse width must be at
least TCY wide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com