Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F84A-20/P Datasheet(PDF) 46 Page - Microchip Technology

Part # PIC16F84A-20/P
Description  18-pin Enhanced Flash/EEPROM 8-Bit Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-20/P Datasheet(HTML) 46 Page - Microchip Technology

Back Button PIC16F84A-20/P Datasheet HTML 42Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 43Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 44Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 45Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 46Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 47Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 48Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 49Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
PIC16F84A
DS35007A-page 46
Preliminary
© 1998 Microchip Technology Inc.
9.4
DC CHARACTERISTICS:
PIC16F84A-04 (Commercial, Industrial)
PIC16F84A-20 (Commercial, Industrial)
PIC16LF84A-04 (Commercial, Industrial)
DC Characteristics
All Pins Except
Power Supply Pins
Standard Operating Conditions (unless otherwise stated)
Operating temperature
0
°C ≤ TA ≤ +70°C (commercial)
-40
°C ≤ TA ≤ +85°C (industrial)
Operating voltage VDD range as described in DC spec Section 9.1
and Section 9.2.
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
Output Low Voltage
D080
VOL
I/O ports
——
0.6
V
IOL = 8.5 mA, VDD = 4.5V
D083
OSC2/CLKOUT
——
0.6
V
IOL = 1.6 mA, VDD = 4.5V,
(RC Mode Only)
Output High Voltage
D090
VOH
I/O ports (Note 3)
VDD-0.7
——
VIOH = -3.0 mA, VDD = 4.5V
D092
OSC2/CLKOUT (Note 3)
VDD-0.7
——
VIOH = -1.3 mA, VDD = 4.5V
(RC Mode Only)
Open Drain High Voltage
D150
VOD
RA4 pin
——
8.5
V
Capacitive Loading Specs
on Output Pins
D100
COSC2 OSC2 pin
—
—
15
pF
In XT, HS and LP modes
when external clock is used to
drive OSC1.
D101
CIO
All I/O pins and OSC2
(RC mode)
—
—
50
pF
Data EEPROM Memory
D120
ED
Endurance
1M*
10M
—
E/W
25
°C at 5V
D121
VDRW
VDD for read/write
VMIN
—
5.5
V
VMIN = Minimum operating
voltage
D122
TDEW
Erase/Write cycle time
—
4
8*
ms
Program Flash Memory
D130
EP
Endurance
100*
1000
—
E/W
D131
VPR
VDD for read
VMIN
—
5.5
V
VMIN = Minimum operating
voltage
D132
VPEW
VDD for erase/write
4.5
—
5.5
V
D133
TPEW
Erase/Write cycle time
—
4
8
ms
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: In RC oscillator configuration, the OSC1 pin is a Schmitt Trigger input. Do not drive the PIC16F84A with an
external clock while the device is in RC mode, or chip damage may result.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified lev-
els represent normal operating conditions. Higher leakage current may be measured at different input volt-
ages.
3: Negative current is defined as coming out of the pin.
4: The user may choose the better of the two specs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com