Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F84A-20/P Datasheet(PDF) 56 Page - Microchip Technology

Part # PIC16F84A-20/P
Description  18-pin Enhanced Flash/EEPROM 8-Bit Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-20/P Datasheet(HTML) 56 Page - Microchip Technology

Back Button PIC16F84A-20/P Datasheet HTML 52Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 53Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 54Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 55Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 56Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 57Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 58Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 59Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
PIC16F84A
DS35007A-page 56
Preliminary
© 1998 Microchip Technology Inc.
11.2
K04-007 18-Lead Plastic Dual In-line (P) – 300 mil
* Controlling Parameter.
† Dimension “B1” does not include dam-bar protrusions. Dam-bar protrusions shall not exceed 0.003”
(0.076 mm) per side or 0.006” (0.152 mm) more than dimension “B1.”
‡ Dimensions “D” and “E” do not include mold flash or protrusions. Mold flash or protrusions shall not
exceed 0.010” (0.254 mm) per side or 0.020” (0.508 mm) more than dimensions “D” or “E.”
Units
INCHES*
MILLIMETERS
Dimension Limits
MIN
NOM
MAX
MIN
NOM
MAX
PCB Row Spacing
0.300
7.62
Number of Pins
n
18
18
Pitch
p
0.100
2.54
Lower Lead Width
B
0.013
0.018
0.023
0.33
0.46
0.58
Upper Lead Width
B1†
0.055
0.060
0.065
1.40
1.52
1.65
Shoulder Radius
R
0.000
0.005
0.010
0.00
0.13
0.25
Lead Thickness
c
0.005
0.010
0.015
0.13
0.25
0.38
Top to Seating Plane
A
0.110
0.155
0.155
2.79
3.94
3.94
Top of Lead to Seating Plane
A1
0.075
0.095
0.115
1.91
2.41
2.92
Base to Seating Plane
A2
0.000
0.020
0.020
0.00
0.51
0.51
Tip to Seating Plane
L
0.125
0.130
0.135
3.18
3.30
3.43
Package Length
D‡
0.890
0.895
0.900
22.61
22.73
22.86
Molded Package Width
E‡
0.245
0.255
0.265
6.22
6.48
6.73
Radius to Radius Width
E1
0.230
0.250
0.270
5.84
6.35
6.86
Overall Row Spacing
eB
0.310
0.349
0.387
7.87
8.85
9.83
Mold Draft Angle Top
α
5
10
15
5
10
15
Mold Draft Angle Bottom
β
5
10
15
5
10
15
R
n
2
1
D
E
c
eB
β
E1
α
p
A1
L
B1
B
A
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com