Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F84A-20/P Datasheet(PDF) 30 Page - Microchip Technology

Part # PIC16F84A-20/P
Description  18-pin Enhanced Flash/EEPROM 8-Bit Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-20/P Datasheet(HTML) 30 Page - Microchip Technology

Back Button PIC16F84A-20/P Datasheet HTML 26Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 27Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 28Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 29Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 30Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 31Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 32Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 33Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
PIC16F84A
DS35007A-page 30
Preliminary
© 1998 Microchip Technology Inc.
6.10
Watchdog Timer (WDT)
The Watchdog Timer is a free running on-chip RC
oscillator
which
does
not
require
any
external
components. This RC oscillator is separate from the
RC oscillator of the OSC1/CLKIN pin. That means that
the WDT will run even if the clock on the OSC1/CLKIN
and OSC2/CLKOUT pins of the device has been
stopped, for example, by execution of a SLEEP
instruction. During normal operation a WDT time-out
generates a device RESET. If the device is in SLEEP
mode, a WDT Wake-up causes the device to wake-up
and continue with normal operation. The WDT can be
permanently disabled by programming configuration bit
WDTE as a '0' (Section 6.1).
6.10.1
WDT PERIOD
The WDT has a nominal time-out period of 18 ms, (with
no
prescaler). The
time-out
periods
vary
with
temperature, VDD and process variations from part to
part (see DC specs). If longer time-out periods are
desired, a prescaler with a division ratio of up to 1:128
can be assigned to the WDT under software control by
writing to the OPTION_REG register. Thus, time-out
periods up to 2.3 seconds can be realized.
The CLRWDT and SLEEP instructions clear the WDT
and the postscaler (if assigned to the WDT) and pre-
vent it from timing out and generating a device
RESET condition.
The TO bit in the STATUS register will be cleared upon
a WDT time-out.
6.10.2
WDT PROGRAMMING CONSIDERATIONS
It should also be taken into account that under worst
case conditions (VDD = Min., Temperature = Max., max.
WDT prescaler) it may take several seconds before a
WDT time-out occurs.
FIGURE 6-12: WATCHDOG TIMER BLOCK DIAGRAM
TABLE 6-7
SUMMARY OF REGISTERS ASSOCIATED WITH THE WATCHDOG TIMER
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Value on all
other resets
2007h
Config. bits
(2)
(2)
(2)
(2)
PWRTE(1)
WDTE
FOSC1
FOSC0
(2)
81h
OPTION_REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
Legend: x = unknown. Shaded cells are not used by the WDT.
Note 1:
See Figure 6-1 for operation of the PWRTE bit.
2:
See Figure 6-1 and Section 6.12 for operation of the Code and Data protection bits.
From TMR0 Clock Source
(Figure 4-2)
To TMR0 (Figure 4-2)
Postscaler
WDT Timer
M
U
X
PSA
8 - to -1 MUX
PSA
WDT
Time-out
1
0
0
1
WDT
Enable Bit
PS2:PS0
•
•
8
MUX
Note: PSA and PS2:PS0 are bits in the OPTION_REG register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com