Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F84A-20/P Datasheet(PDF) 41 Page - Microchip Technology

Part # PIC16F84A-20/P
Description  18-pin Enhanced Flash/EEPROM 8-Bit Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-20/P Datasheet(HTML) 41 Page - Microchip Technology

Back Button PIC16F84A-20/P Datasheet HTML 37Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 38Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 39Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 40Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 41Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 42Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 43Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 44Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
PIC16F84A
© 1998 Microchip Technology Inc.
Preliminary
DS35007A-page 41
9.0
ELECTRICAL CHARACTERISTICS FOR PIC16F84A
Absolute Maximum Ratings †
Ambient temperature under bias.............................................................................................................-55
°C to +125°C
Storage temperature .............................................................................................................................. -65
°C to +150°C
Voltage on any pin with respect to VSS (except VDD, MCLR, and RA4).......................................... -0.3V to (VDD + 0.3V)
Voltage on VDD with respect to VSS .......................................................................................................... -0.3 to +7.5V
Voltage on MCLR with respect to VSS(1) ...................................................................................................... -0.3 to +14V
Voltage on RA4 with respect to VSS .......................................................................................................... -0.3 to +8.5V
Total power dissipation(2) .....................................................................................................................................800 mW
Maximum current out of VSS pin ...........................................................................................................................150 mA
Maximum current into VDD pin ..............................................................................................................................100 mA
Input clamp current, IIK (VI < 0 or VI > VDD)
.....................................................................................................................± 20 mA
Output clamp current, IOK (VO < 0 or VO > VDD)
.............................................................................................................± 20 mA
Maximum output current sunk by any I/O pin..........................................................................................................25 mA
Maximum output current sourced by any I/O pin ....................................................................................................20 mA
Maximum current sunk by PORTA ..........................................................................................................................80 mA
Maximum current sourced by PORTA .....................................................................................................................50 mA
Maximum current sunk by PORTB........................................................................................................................150 mA
Maximum current sourced by PORTB...................................................................................................................100 mA
Note 1: Voltage spikes below VSS at the MCLR pin, inducing currents greater than 80 mA, may cause latch-up. Thus,
a series resistor of 50-100
Ω should be used when applying a “low” level to the MCLR pin rather than pulling
this pin directly to VSS.
Note 2: Power dissipation is calculated as follows: Pdis = VDD x {IDD -
∑ IOH} + ∑ {(VDD-VOH) x IOH} + ∑(VOl x IOL).
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above
those indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com