Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F84A-20/P Datasheet(PDF) 28 Page - Microchip Technology

Part # PIC16F84A-20/P
Description  18-pin Enhanced Flash/EEPROM 8-Bit Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-20/P Datasheet(HTML) 28 Page - Microchip Technology

Back Button PIC16F84A-20/P Datasheet HTML 24Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 25Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 26Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 27Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 28Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 29Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 30Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 31Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
PIC16F84A
DS35007A-page 28
Preliminary
© 1998 Microchip Technology Inc.
6.7
Time-out Sequence and Power-down
Status Bits (TO/PD)
On power-up (Figure 6-7, Figure 6-8, Figure 6-9 and
Figure 6-10) the time-out sequence is as follows: First
PWRT time-out is invoked after a POR has expired.
Then the OST is activated. The total time-out will vary
based
on
oscillator
configuration
and
PWRTE
configuration bit status. For example, in RC mode with
the PWRT disabled, there will be no time-out at all.
TABLE 6-5
TIME-OUT IN VARIOUS
SITUATIONS
Since the time-outs occur from the POR reset pulse, if
MCLR is kept low long enough, the time-outs will
expire. Then bringing MCLR high, execution will begin
immediately (Figure 6-7). This is useful for testing
purposes or to synchronize more than one PIC16F84A
device when operating in parallel.
Table 6-6 shows the significance of the TO and PD bits.
Table 6-3 lists the reset conditions for some special
registers, while Table 6-4 lists the reset conditions for
all the registers.
TABLE 6-6
STATUS BITS AND THEIR
SIGNIFICANCE
6.8
Interrupts
The PIC16F84A has 4 sources of interrupt:
• External interrupt RB0/INT pin
• TMR0 overflow interrupt
• PORTB change interrupts (pins RB7:RB4)
• Data EEPROM write complete interrupt
The interrupt control register (INTCON) records
individual interrupt requests in flag bits. It also contains
the individual and global interrupt enable bits.
The global interrupt enable bit, GIE (INTCON<7>)
enables (if set) all un-masked interrupts or disables (if
cleared) all interrupts. Individual interrupts can be
disabled through their corresponding enable bits in
INTCON register. Bit GIE is cleared on reset.
The “return from interrupt” instruction, RETFIE, exits
interrupt routine as well as sets the GIE bit, which
re-enable interrupts.
The RB0/INT pin interrupt, the RB port change inter-
rupt and the TMR0 overflow interrupt flags are con-
tained in the INTCON register.
When an interrupt is responded to; the GIE bit is
cleared to disable any further interrupt, the return
address is pushed onto the stack and the PC is loaded
with 0004h. For external interrupt events, such as the
RB0/INT pin or PORTB change interrupt, the interrupt
latency will be three to four instruction cycles. The
exact latency depends when the interrupt event occurs.
The latency is the same for both one and two cycle
instructions. Once in the interrupt service routine the
source(s) of the interrupt can be determined by polling
the interrupt flag bits. The interrupt flag bit(s) must be
cleared in software before re-enabling interrupts to
avoid infinite interrupt requests.
FIGURE 6-11: INTERRUPT LOGIC
Oscillator
Configuration
Power-up
Wake-up
from
SLEEP
PWRT
Enabled
PWRT
Disabled
XT, HS, LP
72 ms +
1024TOSC
1024TOSC
1024TOSC
RC
72 ms
—
—
TO
PD
Condition
11
Power-on Reset
0x
Illegal, TO is set on POR
x0
Illegal, PD is set on POR
01
WDT Reset (during normal operation)
00
WDT Wake-up
11
MCLR Reset during normal operation
10
MCLR Reset during SLEEP or interrupt
wake-up from SLEEP
Note 1: Individual interrupt flag bits are set
regardless
of
the
status
of
their
corresponding mask bit or the GIE bit.
RBIF
RBIE
T0IF
T0IE
INTF
INTE
GIE
EEIE
Wake-up
(If in SLEEP mode)
Interrupt to CPU
EEIF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com