Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F84A-20/P Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC16F84A-20/P
Description  18-pin Enhanced Flash/EEPROM 8-Bit Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-20/P Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC16F84A-20/P Datasheet HTML 6Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 7Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 8Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 9Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 10Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 11Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 12Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 13Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
PIC16F84A
DS35007A-page 10
Preliminary
© 1998 Microchip Technology Inc.
2.2.2.3
INTCON REGISTER
The INTCON register is a readable and writable
register which contains the various enable bits for all
interrupt sources.
FIGURE 2-1:
INTCON REGISTER (ADDRESS 0Bh, 8Bh)
Note:
Interrupt flag bits get set when an interrupt
condition occurs regardless of the state of
its corresponding enable bit or the global
enable bit, GIE (INTCON<7>).
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-x
GIE
EEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
R
= Readable bit
W = Writable bit
U
= Unimplemented bit,
read as ‘0’
- n = Value at POR reset
bit7
bit0
bit 7:
GIE: Global Interrupt Enable bit
1 = Enables all un-masked interrupts
0 = Disables all interrupts
Note: For the operation of the interrupt structure, please refer to Section •.
bit 6:
EEIE: EE Write Complete Interrupt Enable bit
1 = Enables the EE write complete interrupt
0 = Disables the EE write complete interrupt
bit 5:
T0IE: TMR0 Overflow Interrupt Enable bit
1 = Enables the TMR0 interrupt
0 = Disables the TMR0 interrupt
bit 4:
INTE: RB0/INT Interrupt Enable bit
1 = Enables the RB0/INT interrupt
0 = Disables the RB0/INT interrupt
bit 3:
RBIE: RB Port Change Interrupt Enable bit
1 = Enables the RB port change interrupt
0 = Disables the RB port change interrupt
bit 2:
T0IF: TMR0 Overflow Interrupt Flag bit
1 = TMR0 has overflowed (must be cleared in software)
0 = TMR0 did not overflow
bit 1:
INTF: RB0/INT Interrupt Flag bit
1 = The RB0/INT interrupt occurred
0 = The RB0/INT interrupt did not occur
bit 0:
RBIF: RB Port Change Interrupt Flag bit
1 = When at least one of the RB7:RB4 pins changed state (must be cleared in software)
0 = None of the RB7:RB4 pins have changed state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com