Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F84A-20/P Datasheet(PDF) 15 Page - Microchip Technology

Part # PIC16F84A-20/P
Description  18-pin Enhanced Flash/EEPROM 8-Bit Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-20/P Datasheet(HTML) 15 Page - Microchip Technology

Back Button PIC16F84A-20/P Datasheet HTML 11Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 12Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 13Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 14Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 15Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 16Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 17Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 18Page - Microchip Technology PIC16F84A-20/P Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
PIC16F84A
© 1998 Microchip Technology Inc.
Preliminary
DS35007A-page 15
3.2
PORTB and TRISB Registers
PORTB is an 8-bit wide bi-directional port. The corre-
sponding data direction register is TRISB. Setting a
TRISB bit (=1) will make the corresponding PORTB pin
an input, i.e., put the corresponding output driver in a
hi-impedance mode. Clearing a TRISB bit (=0) will
make the corresponding PORTB pin an output, i.e., put
the contents of the output latch on the selected pin.
EXAMPLE 3-1:
INITIALIZING PORTB
BCF
STATUS, RP0
;
CLRF
PORTB
; Initialize PORTB by
; clearing output
; data latches
BSF
STATUS, RP0
; Select Bank 1
MOVLW
0xCF
; Value used to
; initialize data
; direction
MOVWF
TRISB
; Set RB<3:0> as inputs
; RB<5:4> as outputs
; RB<7:6> as inputs
Each of the PORTB pins has a weak internal pull-up. A
single control bit can turn on all the pull-ups. This is per-
formed by clearing bit RBPU (OPTION<7>). The weak
pull-up is automatically turned off when the port pin is
configured as an output. The pull-ups are disabled on a
Power-on Reset.
FIGURE 3-3:
BLOCK DIAGRAM OF PINS
RB7:RB4
Four of PORTB’s pins, RB7:RB4, have an interrupt on
change feature. Only pins configured as inputs can
cause this interrupt to occur (i.e. any RB7:RB4 pin con-
figured as an output is excluded from the interrupt on
change comparison). The input pins (of RB7:RB4) are
compared with the old value latched on the last read of
PORTB. The “mismatch” outputs of RB7:RB4 are
OR’ed together to generate the RB Port Change Inter-
rupt with flag bit RBIF (INTCON<0>).
This interrupt can wake the device from SLEEP. The
user, in the interrupt service routine, can clear the inter-
rupt in the following manner:
a)
Any read or write of PORTB. This will end the
mismatch condition.
b)
Clear flag bit RBIF.
A mismatch condition will continue to set flag bit RBIF.
Reading PORTB will end the mismatch condition, and
allow flag bit RBIF to be cleared.
The interrupt on change feature is recommended for
wake-up on key depression operation and operations
where PORTB is only used for the interrupt on change
feature. Polling of PORTB is not recommended while
using the interrupt on change feature.
FIGURE 3-4:
BLOCK DIAGRAM OF PINS
RB3:RB0
RBPU(1)
Data Latch
From other
P
VDD
Q
D
CK
Q
D
CK
QD
EN
QD
EN
Data bus
WR Port
WR TRIS
Set RBIF
TRIS Latch
RD TRIS
RD Port
RB7:RB4 pins
weak
pull-up
RD Port
Latch
TTL
Input
Buffer
Note
1: TRISB = '1' enables weak pull-up
(if RBPU = '0' in the OPTION_REG register).
2: I/O pins have diode protection to VDD and VSS.
I/O
pin(2)
RBPU(1)
I/O
pin(2)
Data Latch
P
VDD
Q
D
CK
Q
D
CK
QD
EN
Data bus
WR Port
WR TRIS
RD TRIS
RD Port
weak
pull-up
RD Port
RB0/INT
TTL
Input
Buffer
Schmitt Trigger
Buffer
TRIS Latch
Note
1: TRISB = '1' enables weak pull-up
(if RBPU = '0' in the OPTION_REG register).
2: I/O pins have diode protection to VDD and VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com