Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV521 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  RRIO, CMOS Input, Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LPV521 Datasheet HTML 14Page - Texas Instruments LPV521 Datasheet HTML 15Page - Texas Instruments LPV521 Datasheet HTML 16Page - Texas Instruments LPV521 Datasheet HTML 17Page - Texas Instruments LPV521 Datasheet HTML 18Page - Texas Instruments LPV521 Datasheet HTML 19Page - Texas Instruments LPV521 Datasheet HTML 20Page - Texas Instruments LPV521 Datasheet HTML 21Page - Texas Instruments LPV521 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
FREQUENCY (MHz)
1.0e-1
1.0
1.0e1
1.0e2
1.0e3
1.0e4
0.1
1
10
100
1000
10000
170
150
130
110
90
70
50
30
10
VS = 5V
VPEAK = -20 dBVp
2 ms/DIV
V
+
= +2.5V
V
-
= -2.5V
4
3
2
1
0
-1
-2
-3
-4
INPUT
OUTPUT
VS = 5V
RL = 100 k:
200 Ps/DIV
INPUT
OUTPUT
VS = 1.8V
RL = 100 k:
200 Ps/DIV
OUTPUT
INPUT
VS = 5V
RL = 100 k:
200 Ps/DIV
INPUT
OUTPUT
VS = 1.8V
RL = 100 k:
200 Ps/DIV
INPUT
OUTPUT
LPV521
SNOSB14D – AUGUST 2009 – REVISED DECEMBER 2014
www.ti.com
Typical Characteristics (continued)
At TJ = 25°C, unless otherwise specified.
Figure 55. Small Signal Pulse Response
Figure 56. Small Signal Pulse Response
Figure 57. Large Signal Pulse Response
Figure 58. Large Signal Pulse Response
Figure 59. Overload Recovery Waveform
Figure 60. EMIRR vs. Frequency
18
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com