Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV521 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  RRIO, CMOS Input, Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LPV521 Datasheet HTML 12Page - Texas Instruments LPV521 Datasheet HTML 13Page - Texas Instruments LPV521 Datasheet HTML 14Page - Texas Instruments LPV521 Datasheet HTML 15Page - Texas Instruments LPV521 Datasheet HTML 16Page - Texas Instruments LPV521 Datasheet HTML 17Page - Texas Instruments LPV521 Datasheet HTML 18Page - Texas Instruments LPV521 Datasheet HTML 19Page - Texas Instruments LPV521 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
FREQUENCY (Hz)
60
40
20
0
-20
130
110
90
70
50
30
10
-10
-30
100
1k
10k
100k
VS = 1.8V
RL = 10 M:
CL = 200 pF
PHASE
GAIN
CL = 20 pF
CL = 100 pF
CL = 50 pF
FREQUENCY (Hz)
60
40
20
0
-20
130
110
90
70
50
30
10
-10
-30
100
1k
10k
100k
VS = 3.3V
RL = 10 M:
CL = 200 pF
PHASE
GAIN
CL = 20 pF
CL = 100 pF
CL = 50 pF
FREQUENCY (Hz)
130
110
90
70
50
30
10
-10
-30
100
1k
10k
100k
VS = 3.3V
CL = 20 pF
RL = 1 M:
PHASE
RL = 10 M:
RL = 10 k:
RL = 100 k:
60
40
20
0
-20
GAIN
FREQUENCY (Hz)
130
110
90
70
50
30
10
-10
-30
100
1k
10k
100k
VS = 5V
CL = 20 pF
RL = 1 M:
PHASE
GAIN
RL = 10 M:
RL = 10 k:
RL = 100 k:
60
40
20
0
-20
FREQUENCY (Hz)
60
40
20
0
-20
130
110
90
70
50
30
10
-10
-30
100
1k
10k
100k
VS = 5V
CL = 20 pF
RL = 1 M:
PHASE
GAIN
-40°C
125°C
25°C
85°C
FREQUENCY (Hz)
60
40
20
0
-20
130
110
90
70
50
30
10
-10
-30
100
1k
10k
100k
VS = 1.8V
CL = 20 pF
RL = 1 M:
PHASE
GAIN
RL = 10 M:
RL = 10 k:
RL = 100 k:
LPV521
SNOSB14D – AUGUST 2009 – REVISED DECEMBER 2014
www.ti.com
Typical Characteristics (continued)
At TJ = 25°C, unless otherwise specified.
Figure 43. Frequency Response vs. Temperature
Figure 44. Frequency Response vs. RL
Figure 45. Frequency Response vs. RL
Figure 46. Frequency Response vs. RL
Figure 47. Frequency Response vs. CL
Figure 48. Frequency Response vs. CL
16
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com