Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV521 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  RRIO, CMOS Input, Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 4 Page - Texas Instruments

  LPV521 Datasheet HTML 1Page - Texas Instruments LPV521 Datasheet HTML 2Page - Texas Instruments LPV521 Datasheet HTML 3Page - Texas Instruments LPV521 Datasheet HTML 4Page - Texas Instruments LPV521 Datasheet HTML 5Page - Texas Instruments LPV521 Datasheet HTML 6Page - Texas Instruments LPV521 Datasheet HTML 7Page - Texas Instruments LPV521 Datasheet HTML 8Page - Texas Instruments LPV521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
LPV521
SNOSB14D – AUGUST 2009 – REVISED DECEMBER 2014
www.ti.com
6.3 Recommended Operating Conditions
(1)
MIN
MAX
UNIT
Temperature Range(2)
−40
125
°C
Supply Voltage (VS = V
+ - V−)
1.6
5.5
V
(1)
Absolute Maximum Ratings indicate limits beyond which damage may occur. Recommended Operating Conditions indicate conditions
for which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and test
conditions, see Electrical Characteristics.
(2)
The maximum power dissipation is a function of TJ(MAX),
θJA. The maximum allowable power dissipation at any ambient temperature
is PD = (TJ(MAX) – TA)/
θJA. All numbers apply for packages soldered directly onto a PC Board.
6.4 Thermal Information
DCK
THERMAL METRIC(1)
UNIT
5 PINS
RθJA
Junction-to-ambient thermal resistance (2)
456
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The maximum power dissipation is a function of TJ(MAX),
θJA. The maximum allowable power dissipation at any ambient temperature
is PD = (TJ(MAX) – TA)/
θJA. All numbers apply for packages soldered directly onto a PC Board.
6.5 1.8-V DC Electrical Characteristics
Unless otherwise specified, all limits for TA = 25°C, V
+ = 1.8 V, V− = 0 V, V
CM = VO = V
+/2, and R
L > 1 MΩ.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOS
Input Offset Voltage
VCM = 0.3 V
–1
0.1
1
Temperature extremes
–1.23
1.23
mV
VCM = 1.5 V
–1
0.1
1
Temperature extremes
–1.23
1.23
TCVOS
Input Offset Voltage Drift(2)
±0.4
μV/°C
Temperature extremes
–3
3
IBIAS
Input Bias Current
–1
0.01
1
pA
Temperature extremes
–50
50
IOS
Input Offset Current
10
fA
CMRR
Common Mode Rejection Ratio
0 V
≤ VCM ≤ 1.8 V
66
92
Temperature extremes
60
0 V
≤ VCM ≤ 0.7 V
75
101
dB
Temperature extremes
74
1.2 V
≤ VCM ≤ 1.8 V
75
120
Temperature extremes
53
PSRR
Power Supply Rejection Ratio
1.6 V
≤ V+ ≤ 5.5 V
dB
VCM = 0.3 V
85
109
Temperature extremes
76
CMRR
≥ 67 dB
0
V
CMRR
≥ 60 dB
0
1.8
CMVR
Common Mode Voltage Range
Temperature extremes
1.8
VO = 0.5 V to 1.3 V
125
dB
74
RL = 100 kΩ to V
+/2
AVOL
Large Signal Voltage Gain
Temperature extremes
73
(1)
Electrical Characteristics values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in
very limited self-heating of the device such that TJ = TA. No guarantee of parametric performance is indicated in the electrical tables
under conditions of internal self-heating where TJ TA. Absolute Maximum Ratings indicate junction temperature limits beyond which the
device may be permanently degraded, either mechanically or electrically.
(2)
The offset voltage average drift is determined by dividing the change in VOS at the temperature extremes by the total temperature
change.
4
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com