Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV521 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  RRIO, CMOS Input, Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 3 Page - Texas Instruments

  LPV521 Datasheet HTML 1Page - Texas Instruments LPV521 Datasheet HTML 2Page - Texas Instruments LPV521 Datasheet HTML 3Page - Texas Instruments LPV521 Datasheet HTML 4Page - Texas Instruments LPV521 Datasheet HTML 5Page - Texas Instruments LPV521 Datasheet HTML 6Page - Texas Instruments LPV521 Datasheet HTML 7Page - Texas Instruments LPV521 Datasheet HTML 8Page - Texas Instruments LPV521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
5
4
1
3
2
+
-
OUT
V
-
IN+
V
+
IN-
LPV521
www.ti.com
SNOSB14D – AUGUST 2009 – REVISED DECEMBER 2014
5 Pin Configuration and Functions
SC70-5 Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
OUT
O
Output
2
V-
P
Negative Power Supply
3
IN+
I
Noninverting Input
4
IN-
I
Inverting Input
5
V+
P
Positive Power Supply
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
Any pin relative to V-
−0.3
6
V
IN+, IN-, OUT Pins
V– – 0.3 V
V+ + 0.3 V
V
V+, V-, OUT Pins
40
mA
Differential Input Voltage (VIN+ - VIN-)
–300
300
mV
Junction Temperature(2)
–40
150
°C
Mounting Temperature
Infrared or Convection (30 sec.)
260
°C
Wave Soldering Lead Temp. (4 sec.)
260
°C
Storage temperature, Tstg
−65
150
°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage may occur. Recommended Operating Conditions indicate conditions
for which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and test
conditions, see the Electrical Characteristics.
(2)
The maximum power dissipation is a function of TJ(MAX),
θJA. The maximum allowable power dissipation at any ambient temperature
is PD = (TJ(MAX) – TA)/
θJA. All numbers apply for packages soldered directly onto a PC Board.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
Charged-device model (CDM), per JEDEC specification JESD22-
±1000
V(ESD)
Electrostatic discharge
V
C101(2)
Machine Model
±200
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com