Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV521 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  RRIO, CMOS Input, Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LPV521 Datasheet HTML 21Page - Texas Instruments LPV521 Datasheet HTML 22Page - Texas Instruments LPV521 Datasheet HTML 23Page - Texas Instruments LPV521 Datasheet HTML 24Page - Texas Instruments LPV521 Datasheet HTML 25Page - Texas Instruments LPV521 Datasheet HTML 26Page - Texas Instruments LPV521 Datasheet HTML 27Page - Texas Instruments LPV521 Datasheet HTML 28Page - Texas Instruments LPV521 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
0.25
0.5
0.75
1
1.25
1.5
ICHARGE (mA)
C001
LPV521
www.ti.com
SNOSB14D – AUGUST 2009 – REVISED DECEMBER 2014
Typical Applications (continued)
Selecting values per Figure 68 will limit the current traveling through the R1 – Q1 – R3 leg of the circuit to under 1
µA which is on the same order as the LPV521 supply current. Increasing resistors R1 , R2 , and R3 will decrease
the measuring circuit supply current and extend battery life.
Decreasing RSENSE will minimize error due to resistor tolerance, however, this will also decrease VSENSE =
ICHARGE × RSENSE, and in turn the amplifier offset voltage will have a more significant contribution to the total error
of the circuit. With the components shown in Figure 68 the measurement circuit supply current can be kept below
1.5 µA and measure 100 µA to 1 mA.
8.2.3.3 Application Curve
Figure 69. Calculated High-Side Current Sense Circuit Output
9 Power Supply Recommendations
The LPV521 is specified for operation from 1.6 V to 5.5 V (±0.8 V to ±2.75 V) over a –40°C to 125°C
temperature range. Parameters that can exhibit significant variance with regard to operating voltage or
temperature are presented in the Typical Characteristics.
CAUTION
Supply voltages larger than 6 V can permanently damage the device.
Low bandwidth nanopower devices do not have good high frequency (>1KHz) AC PSRR rejection against high-
frequency switching supplies and other kHz and above noise sources, so extra supply filtering is recommended if
kHz range noise is expected on the power supply lines.
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com