Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV521 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  RRIO, CMOS Input, Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LPV521 Datasheet HTML 20Page - Texas Instruments LPV521 Datasheet HTML 21Page - Texas Instruments LPV521 Datasheet HTML 22Page - Texas Instruments LPV521 Datasheet HTML 23Page - Texas Instruments LPV521 Datasheet HTML 24Page - Texas Instruments LPV521 Datasheet HTML 25Page - Texas Instruments LPV521 Datasheet HTML 26Page - Texas Instruments LPV521 Datasheet HTML 27Page - Texas Instruments LPV521 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
10:
VOUT
LOAD
Q1
2N2907
RSENSE
R1
24.9 k:
R2
24.9 k:
R3
10 M:
ICHARGE
V
+
V
+
VOUT =
X ICHARGE
RSENSE X R3
R1
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10
20
30
40
50
VSENSOR (mV)
C001
LPV521
SNOSB14D – AUGUST 2009 – REVISED DECEMBER 2014
www.ti.com
Typical Applications (continued)
8.2.2.3 Application Curve
Figure 67. Calculated Oxygen Sensor Circuit Output (Single 5V Supply)
8.2.3 High-Side Battery Current Sensing
Figure 68. High-Side Current Sensing
8.2.3.1 Design Requirements
The rail-to-rail common mode input range and the very low quiescent current make the LPV521 ideal to use in
high-side and low-side battery current sensing applications. The high-side current sensing circuit in Figure 68 is
commonly used in a battery charger to monitor the charging current in order to prevent over charging. A sense
resistor RSENSE is connected in series with the battery.
8.2.3.2 Detailed Design Procedure
The theoretical output voltage of the circuit is VOUT = [ ®SENSE × R3) / R1 ] × ICHARGE. In reality, however, due to
the finite Current Gain,
β, of the transistor the current that travels through R3 will not be ICHARGE, but instead, will
be
α × ICHARGE or β/( β+1) × ICHARGE. A Darlington pair can be used to increase the β and performance of the
measuring circuit.
Using the components shown in Figure 68 will result in VOUT ≈ 4000 Ω × ICHARGE. This is ideal to amplify a 1 mA
ICHARGE to near full scale of an ADC with VREF at 4.1 V. A resistor, R2 is used at the noninverting input of the
amplifier, with the same value as R1 to minimize offset voltage.
24
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com