Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV521 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  RRIO, CMOS Input, Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LPV521 Datasheet HTML 5Page - Texas Instruments LPV521 Datasheet HTML 6Page - Texas Instruments LPV521 Datasheet HTML 7Page - Texas Instruments LPV521 Datasheet HTML 8Page - Texas Instruments LPV521 Datasheet HTML 9Page - Texas Instruments LPV521 Datasheet HTML 10Page - Texas Instruments LPV521 Datasheet HTML 11Page - Texas Instruments LPV521 Datasheet HTML 12Page - Texas Instruments LPV521 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
-3.0
TCVOS (PV/C)
30
25
20
15
10
5
0
VS = 3.3V
-40
oC d TA d 125oC
VCM = VS/2
-2.0
-1.0
0.0
1.0
2.0
3.0
0
2
4
6
8
10
12
14
16
18
20
VS = 3.3V
TA = 25
oC
VCM = VS/2
-1.0
VOS (mV)
-0.8 -0.6 -0.4 -0.2 0.0 0.2 0.4 0.6 0.8 1.0
0
5
10
15
20
25
VS = 1.8V
TA = 25
oC
VCM = VS/2
-1.0
VOS (mV)
-0.8 -0.6 -0.4 -0.2 0.0 0.2 0.4 0.6 0.8 1.0
TCVOS (2V/C)
30
25
20
15
10
5
0
VS = 1.8V
-40
oC = TA = 125oC
VCM = VS/2
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
SUPPLY VOLTAGE (V)
800
700
600
500
400
300
200
100
0
1
2
3
4
5
6
125°C
85°C
25°C
-40°C
VCM = 0.3V
SUPPLY VOLTAGE (V)
800
700
600
500
400
300
200
100
0
1
2
3
4
5
6
125°C
85°C
25°C
-40°C
VCM = VS ± 0.3V
LPV521
www.ti.com
SNOSB14D – AUGUST 2009 – REVISED DECEMBER 2014
6.11 Typical Characteristics
At TJ = 25°C, unless otherwise specified.
Figure 1. Supply Current vs. Supply Voltage
Figure 2. Supply Current vs. Supply Voltage
Figure 3. Offset Voltage Distribution
Figure 4. TcvOS Distribution
Figure 5. Offset Voltage Distribution
Figure 6. TcvOS Distribution
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com