Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV521 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  RRIO, CMOS Input, Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LPV521 Datasheet HTML 17Page - Texas Instruments LPV521 Datasheet HTML 18Page - Texas Instruments LPV521 Datasheet HTML 19Page - Texas Instruments LPV521 Datasheet HTML 20Page - Texas Instruments LPV521 Datasheet HTML 21Page - Texas Instruments LPV521 Datasheet HTML 22Page - Texas Instruments LPV521 Datasheet HTML 23Page - Texas Instruments LPV521 Datasheet HTML 24Page - Texas Instruments LPV521 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
10 M:
-
+
VOUT
10 M:
10 M:
VIN
10 M:
10 M:
270 pF
270 pF
270 pF
CR2032 Coin Cell
225 mAh = 5 circuits @ 9.5 yrs.
60 Hz Twin T Notch Filter
AV = 2 V/V
10 M:
270 pF
VBATT
VBATT = 3V o2V @ end of life
Remote Sensor
Signal
+
60 Hz
To ADC
Signal × 2
(No 60 Hz)
200 2s/DIV
VOUT
VIN
VS = 5V
LPV521
www.ti.com
SNOSB14D – AUGUST 2009 – REVISED DECEMBER 2014
Figure 63. Step Response
8.1.2 EMI Suppression
The near-ubiquity of cellular, Bluetooth, and Wi-Fi signals and the rapid rise of sensing systems incorporating
wireless radios make electromagnetic interference (EMI) an evermore important design consideration for
precision signal paths. Though RF signals lie outside the op amp band, RF carrier switching can modulate the
DC offset of the op amp. Also some common RF modulation schemes can induce down-converted components.
The added DC offset and the induced signals are amplified with the signal of interest and thus corrupt the
measurement. The LPV521 uses on chip filters to reject these unwanted RF signals at the inputs and power
supply pins; thereby preserving the integrity of the precision signal path.
Twisted pair cabling and the active front-end’s common-mode rejection provide immunity against low-frequency
noise (i.e. 60-Hz or 50-Hz mains) but are ineffective against RF interference. Even a few centimeters of PCB
trace and wiring for sensors located close to the amplifier can pick up significant 1 GHz RF. The integrated EMI
filters of the LPV521 reduce or eliminate external shielding and filtering requirements, thereby increasing system
robustness. A larger EMIRR means more rejection of the RF interference. For more information on EMIRR,
please refer to AN-1698.
8.2 Typical Applications
8.2.1 60-Hz Twin T-Notch Filter
Figure 64. 60-Hz Notch Filter
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com