Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV521 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  RRIO, CMOS Input, Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LPV521 Datasheet HTML 9Page - Texas Instruments LPV521 Datasheet HTML 10Page - Texas Instruments LPV521 Datasheet HTML 11Page - Texas Instruments LPV521 Datasheet HTML 12Page - Texas Instruments LPV521 Datasheet HTML 13Page - Texas Instruments LPV521 Datasheet HTML 14Page - Texas Instruments LPV521 Datasheet HTML 15Page - Texas Instruments LPV521 Datasheet HTML 16Page - Texas Instruments LPV521 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
VS (V)
40
30
20
10
0
1
2
3
4
5
6
VCM = VS/2
125°C
85°C
25°C
-40°C
VS (V)
40
30
20
10
0
1
2
3
4
5
6
VCM = VS/2
125°C
85°C
25°C
-40°C
OUTPUT VOLTAGE REFERENCED TO V
+ (V)
30
25
20
15
10
5
0
0
1
2
3
4
5
VS = 5V
125°C
85°C
25°C
-40°C
OUTPUT VOLTAGE REFERENCED TO V
- (V)
30
25
20
15
10
5
0
0
1
2
3
4
5
VS = 5V
125°C
85°C
25°C
-40°C
OUTPUT VOLTAGE REFERENCED TO V
+ (V)
16
12
8
4
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VS = 3.3V
125°C
85°C
25°C
-40°C
OUTPUT VOLTAGE REFERENCED TO V
- (V)
16
12
8
4
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VS = 3.3V
125°C
85°C
25°C
-40°C
LPV521
www.ti.com
SNOSB14D – AUGUST 2009 – REVISED DECEMBER 2014
Typical Characteristics (continued)
At TJ = 25°C, unless otherwise specified.
Figure 25. Sourcing Current vs. Output Voltage
Figure 26. Sinking Current vs. Output Voltage
Figure 27. Sourcing Current vs. Output Voltage
Figure 28. Sinking Current vs. Output Voltage
Figure 29. Sourcing Current vs. Supply Voltage
Figure 30. Sinking Current vs. Supply Voltage
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com