Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV521 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  RRIO, CMOS Input, Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 5 Page - Texas Instruments

  LPV521 Datasheet HTML 1Page - Texas Instruments LPV521 Datasheet HTML 2Page - Texas Instruments LPV521 Datasheet HTML 3Page - Texas Instruments LPV521 Datasheet HTML 4Page - Texas Instruments LPV521 Datasheet HTML 5Page - Texas Instruments LPV521 Datasheet HTML 6Page - Texas Instruments LPV521 Datasheet HTML 7Page - Texas Instruments LPV521 Datasheet HTML 8Page - Texas Instruments LPV521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
LPV521
www.ti.com
SNOSB14D – AUGUST 2009 – REVISED DECEMBER 2014
1.8-V DC Electrical Characteristics (continued)
Unless otherwise specified, all limits for TA = 25°C, V
+ = 1.8 V, V− = 0 V, V
CM = VO = V
+/2, and R
L > 1 MΩ.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Output Swing High
RL = 100 kΩ to V
+/2
2
50
VIN(diff) = 100 mV
Temperature extremes
50
mV from
either rail
Output Swing Low
RL = 100 kΩ to V
+/2
2
50
VIN(diff) = −100 mV
Temperature extremes
50
IO
Sourcing, VO to V
–
3
1
VIN(diff) = 100 mV
Temperature extremes
0.5
Output Current(3)
mA
Sinking, VO to V
+
3
1
VIN(diff) = −100 mV
Temperature extremes
0.5
IS
Supply Current
VCM = 0.3 V
345
400
Temperature extremes
580
nA
VCM = 1.5 V
472
600
Temperature extremes
850
(3)
The short circuit test is a momentary open-loop test.
6.6 1.8-V AC Electrical Characteristics
Unless otherwise specified, all limits for TA = 25°C, V
+ = 1.8 V, V− = 0 V, V
CM = VO = V
+/2, and R
L > 1 MΩ.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GBW
Gain-Bandwidth Product
CL = 20 pF, RL = 100 kΩ
6.1
kHz
SR
Slew Rate
AV = +1,
Falling Edge
2.9
V/ms
VIN = 0V to 1.8V
Rising Edge
2.3
θ m
Phase Margin
CL = 20 pF, RL = 100 kΩ
72
deg
Gm
Gain Margin
CL = 20 pF, RL = 100 kΩ
19
dB
en
Input-Referred Voltage Noise Density
f = 100 Hz
265
nV/
√Hz
Input-Referred Voltage Noise
0.1 Hz to 10 Hz
24
μVPP
In
Input-Referred Current Noise
f = 100 Hz
100
fA/
√Hz
(1)
Electrical Characteristics values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in
very limited self-heating of the device such that TJ = TA. No guarantee of parametric performance is indicated in the electrical tables
under conditions of internal self-heating where TJ TA. Absolute Maximum Ratings indicate junction temperature limits beyond which the
device may be permanently degraded, either mechanically or electrically.
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com