Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV521 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  RRIO, CMOS Input, Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LPV521 Datasheet HTML 7Page - Texas Instruments LPV521 Datasheet HTML 8Page - Texas Instruments LPV521 Datasheet HTML 9Page - Texas Instruments LPV521 Datasheet HTML 10Page - Texas Instruments LPV521 Datasheet HTML 11Page - Texas Instruments LPV521 Datasheet HTML 12Page - Texas Instruments LPV521 Datasheet HTML 13Page - Texas Instruments LPV521 Datasheet HTML 14Page - Texas Instruments LPV521 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
ISOURCE (mA)
150
100
50
0
-50
-100
-150
0.0
0.5
1.0
1.5
2.0
VS = 1.8V
125°C
85°C
25°C
-40°C
ISOURCE (mA)
150
100
50
0
-50
-100
-150
0.0
0.5
1.0
1.5
2.0
VS = 3.3V
125°C
85°C
25°C
-40°C
VOUT (V)
150
100
50
0
-50
-100
-150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VS = 3.3V
125°C
85°C
25°C
-40°C
VOUT (V)
150
100
50
0
-50
-100
-150
0.0
1.0
2.0
3.0
4.0
5.0
VS = 5V
125°C
85°C
25°C
-40°C
VS (V)
150
100
50
0
-50
-100
-150
1
2
3
4
5
6
VCM = VS - 0.3V
125°C
85°C
25°C
-40°C
VOUT (V)
150
100
50
0
-50
-100
-150
0.0
0.5
1.0
1.5
2.0
VS = 1.8V
125°C
85°C
25°C
-40°C
LPV521
www.ti.com
SNOSB14D – AUGUST 2009 – REVISED DECEMBER 2014
Typical Characteristics (continued)
At TJ = 25°C, unless otherwise specified.
Figure 13. Input Offset Voltage vs. Supply Voltage
Figure 14. Input Offset Voltage vs. Output Voltage
Figure 15. Input Offset Voltage vs. Output Voltage
Figure 16. Input Offset Voltage vs. Output Voltage
Figure 17. Input Offset Voltage vs. Sourcing Current
Figure 18. Input Offset Voltage vs. Sourcing Current
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com