Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV521 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  RRIO, CMOS Input, Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LPV521 Datasheet HTML 16Page - Texas Instruments LPV521 Datasheet HTML 17Page - Texas Instruments LPV521 Datasheet HTML 18Page - Texas Instruments LPV521 Datasheet HTML 19Page - Texas Instruments LPV521 Datasheet HTML 20Page - Texas Instruments LPV521 Datasheet HTML 21Page - Texas Instruments LPV521 Datasheet HTML 22Page - Texas Instruments LPV521 Datasheet HTML 23Page - Texas Instruments LPV521 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
+
-
VIN
RISO
VOUT
CL
LPV521
SNOSB14D – AUGUST 2009 – REVISED DECEMBER 2014
www.ti.com
8 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LPV521is specified for operation from 1.6 V to 5.5 V (±0.8 V to ±2.25 V). Many of the specifications apply
from –40°C to 125°C. The LMV521 features rail to rail input and rail-to-rail output swings while consuming only
nanowatts of power. Parameters that can exhibit significant variance with regard to operating voltage or
temperature are presented in the Typical Characteristics section.
8.1.1 Driving Capacitive Load
The LPV521 is internally compensated for stable unity gain operation, with a 6.2-kHz, typical gain bandwidth.
However, the unity gain follower is the most sensitive configuration to capacitive load. The combination of a
capacitive load placed at the output of an amplifier along with the amplifier’s output impedance creates a phase
lag, which reduces the phase margin of the amplifier. If the phase margin is significantly reduced, the response
will be under damped which causes peaking in the transfer and, when there is too much peaking, the op amp
might start oscillating.
Figure 62. Resistive Isolation of Capacitive Load
In order to drive heavy capacitive loads, an isolation resistor, RISO, should be used, as shown in Figure 62. By
using this isolation resistor, the capacitive load is isolated from the amplifier’s output. The larger the value of
RISO, the more stable the amplifier will be. If the value of RISO is sufficiently large, the feedback loop will be
stable, independent of the value of CL. However, larger values of RISO result in reduced output swing and
reduced output current drive.
Recommended minimum values for RISO are given in the following table, for 5-V supply. Figure 63 shows the
typical response obtained with the CL = 50 pF and RISO = 154 kΩ. The other values of RISO in the table were
chosen to achieve similar dampening at their respective capacitive loads. Notice that for the LPV521 with larger
CL a smaller RISO can be used for stability. However, for a given CL a larger RISO will provide a more damped
response. For capacitive loads of 20 pF and below no isolation resistor is needed.
CL
RISO
0 – 20 pF
not needed
50 pF
154 k
Ω
100 pF
118 k
Ω
500 pF
52.3 k
Ω
1 nF
33.2 k
Ω
5 nF
17.4 k
Ω
10 nF
13.3 k
Ω
20
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com