Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV521 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  RRIO, CMOS Input, Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LPV521 Datasheet HTML 8Page - Texas Instruments LPV521 Datasheet HTML 9Page - Texas Instruments LPV521 Datasheet HTML 10Page - Texas Instruments LPV521 Datasheet HTML 11Page - Texas Instruments LPV521 Datasheet HTML 12Page - Texas Instruments LPV521 Datasheet HTML 13Page - Texas Instruments LPV521 Datasheet HTML 14Page - Texas Instruments LPV521 Datasheet HTML 15Page - Texas Instruments LPV521 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
OUTPUT VOLTAGE REFERENCED TO V
+ (V)
5
4
3
2
1
0
0.0
0.5
1.0
1.5
2.0
VS = 1.8V
125°C
85°C
25°C
-40°C
OUTPUT VOLTAGE REFERENCED TO V
- (V)
5
4
3
2
1
0
0.0
0.5
1.0
1.5
2.0
VS = 1.8V
125°C
85°C
25°C
-40°C
ISOURCE (mA)
150
100
50
0
-50
-100
-150
0.0
0.5
1.0
1.5
2.0
VS = 3.3V
125°C
85°C
25°C
-40°C
ISOURCE (mA)
150
100
50
0
-50
-100
-150
0.0
0.5
1.0
1.5
2.0
VS = 5V
125°C
85°C
25°C
-40°C
ISOURCE (mA)
150
100
50
0
-50
-100
-150
0.0
0.5
1.0
1.5
2.0
VS = 5V
125°C
85°C
25°C
-40°C
ISOURCE (mA)
150
100
50
0
-50
-100
-150
0.0
0.5
1.0
1.5
2.0
VS = 1.8V
125°C
85°C
25°C
-40°C
LPV521
SNOSB14D – AUGUST 2009 – REVISED DECEMBER 2014
www.ti.com
Typical Characteristics (continued)
At TJ = 25°C, unless otherwise specified.
Figure 19. Input Offset Voltage vs. Sourcing Current
Figure 20. Input Offset Voltage vs. Sinking Current
Figure 21. Input Offset Voltage vs. Sinking Current
Figure 22. Input Offset Voltage vs. Sinking Current
Figure 23. Sourcing Current vs. Output Voltage
Figure 24. Sinking Current vs. Output Voltage
12
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com