Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3695C Datasheet(PDF) 9 Page - ams AG

Part # AS3695C
Description  16 channel white LED controller for LCD backlight
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3695C Datasheet(HTML) 9 Page - ams AG

Back Button AS3695C Datasheet HTML 5Page - ams AG AS3695C Datasheet HTML 6Page - ams AG AS3695C Datasheet HTML 7Page - ams AG AS3695C Datasheet HTML 8Page - ams AG AS3695C Datasheet HTML 9Page - ams AG AS3695C Datasheet HTML 10Page - ams AG AS3695C Datasheet HTML 11Page - ams AG AS3695C Datasheet HTML 12Page - ams AG AS3695C Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
AS3695C
austriamicrosystems
www.austriamicrosystems.com
Rev 1.11 / 2010-12-08
8 - 39
4.1.1 Precision current sink
All current sinks are built with an internal error amplifier A1 and an external power transistor. The
external transistor can either be a NMOS or a NPN bipolar transistor. The driving current capability of
the output amplifier is 2mA. For low EMI radiation the slew rate of the amplifier output voltage can be
adjusted between 1us and 9us
4.1.2 Power supply feedback
The voltage on the pins “Dx” is monitored to adjust the DCDC output voltage. If this voltage is lower than
“FBvoltage” a comparator turns on a NMOS transistor which is able to control the output voltage of the
external power supply via pin FB1 or pin FB2. The feedback comparator can be assigned to either FB1
or FB2. The power supply feedback can be turned off for all channels by the flag “FBen”. If an output is
turned off with the corresponding bit in the CUR_ON_1/2 -registers, the feedback function of this output
is also automatically turned off.
4.1.3 Open LED detection
If a LED-string is broken the voltage at the current setting resistor goes below “OPENvoltage”. This
status is detected by a comparator and if this status lasts longer than 100ms a fault is indicated and
optionally the output and the corresponding power feedback function is turned off. This feature can also
be used for external resistor short detection during production. For proper detection the PWM high time
has to be longer than 50us.
4.1.4 Short LED detection
Shorted LEDs in a LED-string will cause higher voltage at pin “Dx”. A higher voltage during PWM=1 is
detected by a comparator and will trigger a “short LED detection” fault. The duration of the fault is
accumulated and if the time exceeds 100ms a fault is indicated and optionally the output is turned off. If
the high-time of the waveform is shorter than 100ms it will take more periods to trigger this fault. For
proper detection the PWM high time has to be longer than 50us.
4.1.5 Fault detection
If an Open-LED or Short-LED condition is detected the fault-signal is debounced with an internal 100ms
clock. This means that the fault will be indicated in the OPENLED or SHORTLED registers between
100ms and 200ms. In order to clear the bit in these registers a “1” has to be written.
4.1.6 DAC
The reference voltage for the output stage is generated by an internal 10-bit DAC. The DAC reference
can be selected between 500mV and 800mV depending on register settings. The DAC is trimmed
during production with DACref = 800mV to guarantee an output current accuracy of ±0.5% on every
current output.
D Q
PWMx
Delay
20us/40us
500kHz
FAULT
D Q
1
100ms
R
S Q
R
CLEAR FAULT BIT BY WRITING
OPENLED
SHORTLED
registers
To STATUS register
From other
fault bits
1 to REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com