Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3695C Datasheet(PDF) 19 Page - ams AG

Part # AS3695C
Description  16 channel white LED controller for LCD backlight
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3695C Datasheet(HTML) 19 Page - ams AG

Back Button AS3695C Datasheet HTML 15Page - ams AG AS3695C Datasheet HTML 16Page - ams AG AS3695C Datasheet HTML 17Page - ams AG AS3695C Datasheet HTML 18Page - ams AG AS3695C Datasheet HTML 19Page - ams AG AS3695C Datasheet HTML 20Page - ams AG AS3695C Datasheet HTML 21Page - ams AG AS3695C Datasheet HTML 22Page - ams AG AS3695C Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
AS3695C
austriamicrosystems
www.austriamicrosystems.com
Rev 1.11 / 2010-12-08
18 - 39
RegAddr:
PWM15delay
0x33
0x32
Bit
Bit
Description
Default
Access
3:0
7:0
PWM15del[11:0] sets PWM15 delay
0x00, 0x00
r/w
RegAddr:
PWM16delay
0x35
0x34
Bit
Bit
Description
Default
Access
3:0
7:0
PWM16del[11:0] sets PWM16 delay
0x00, 0x00
r/w
RegAddr: 0x36
LOCKUNLOCK
Bit
Name
Description
Default
Acc
ess
7:0
LOCKUNLOCK
MagicByte to lock and unlock writing and reading of registers
Writing into register:
0xCX...unlock register Group1. Writing enabled
0xXA...unlock register Group2. Writing enabled
0xCA...unlock register Group1 and Group2. Writing enabled
0xAX...lock register Group1. Writing disabled
0xXC...lock register Group2. Writing disabled
0xAC...lock register Group1 and Group2. Writing disabled
X...don’t care.
All other values do not change the status of lockunlock.
Reading from register:
0x00.... Group1 and Group2 are locked
0x01...Group1 is unlocked
0x02...Group2 is unlocked
0x03...Group1 and Group2 are unlocked
0x00
r/w
RegAddr:
PWM1hightime
0x38
0x37
Bit
Bit
Description
Default
Access
3:0
7:0
PWM1HT[11:0] sets PWM1 high time
0x00, 0x00
r/w
RegAddr:
PWM2hightime
0x3A
0x39
Bit
Bit
Description
Default
Access
3:0
7:0
PWM2HT[11:0] sets PWM2 high time
0x00, 0x00
r/w
RegAddr:
PWM3hightime
0x3C
0x3B
Bit
Bit
Description
Default
Access
3:0
7:0
PWM3HT[11:0] sets PWM3 high time
0x00, 0x00
r/w
RegAddr:
PWM4hightime
0x3E
0x3D
Bit
Bit
Description
Default
Access
3:0
7:0
PWM4HT[11:0] sets PWM4 high time
0x00, 0x00
r/w
RegAddr:
PWM5hightime
0x40
0x3F
Bit
Bit
Description
Default
Access
3:0
7:0
PWM5HT[11:0] sets PWM5 high time
0x00, 0x00
r/w
RegAddr:
PWM6hightime
0x42
0x41
Bit
Bit
Description
Default
Access
3:0
7:0
PWM6HT[11:0] sets PWM6 high time
0x00, 0x00
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com