Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3695C Datasheet(PDF) 34 Page - ams AG

Part # AS3695C
Description  16 channel white LED controller for LCD backlight
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3695C Datasheet(HTML) 34 Page - ams AG

Back Button AS3695C Datasheet HTML 30Page - ams AG AS3695C Datasheet HTML 31Page - ams AG AS3695C Datasheet HTML 32Page - ams AG AS3695C Datasheet HTML 33Page - ams AG AS3695C Datasheet HTML 34Page - ams AG AS3695C Datasheet HTML 35Page - ams AG AS3695C Datasheet HTML 36Page - ams AG AS3695C Datasheet HTML 37Page - ams AG AS3695C Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
AS3695C
austriamicrosystems
www.austriamicrosystems.com
Rev 1.11 / 2010-12-08
33 - 39
0x52
PWM14htMSB
0
0
0
0
PWM14
HT11
PWM14
HT10
PWM14
HT9
PWM14
HT8
0x00
0x53
PWM15htLSB
PWM15
HT7
PWM15
HT6
PWM15
HT5
PWM15
HT4
PWM15
HT3
PWM15
HT2
PWM15
HT1
PWM15
HT0
0x00
0x54
PWM15htMSB
0
0
0
0
PWM5
HT11
PWM15
HT10
PWM15
HT9
PWM15
HT8
0x00
0x55
PWM16htLSB
PWM16
HT7
PWM16
HT6
PWM16
HT5
PWM16
HT4
PWM16
HT3
PWM16
HT2
PWM16
HT1
PWM16
HT0
0x00
0x56
PWM16htMSB
0
0
0
0
PWM16
HT11
PWM16
HT10
PWM16
HT9
PWM16
HT8
0x00
0x57
ASICIDLSB
C
Rev Nr.
0xCX
0x58
ASICIDMSB
9
5
0x95
0x59
Not used
0x00
0x60
STATUS
STAT
Nosync
STAT
OT
STAT
Open
STAT
Short
0
STAT
UVLO
STAT
power
0x61
PLLctrl1
NC
div7
NC
div6
NC
div5
NC
div4
NC
div3
NC
div2
NC
div1
NC
div0
0x00
0x62
PLLctrl2
AC
div4
AC
div3
AC
div2
AC
div1
AC
div0
NC
div10
NC
div9
NC
div8
0x00
0x63
PLLctrl3
ICP2
ICP1
ICP0
OD
div2
OD
div1
OD
div0
0x00
ADDRESSES ABOVE 0x63 ARE FOR FACTORY TEST ONLY. DO NOT WRITE !
7
Pinout
Pin
Nr
Pin
Name
Pin
Type
Description
1
G2
AIO
Connect to Gate of External Transistor
2
G1
AIO
Connect to Gate of External Transistor
3
S1
AIO
Connect to Source of External Transistor and to Resistor RSET
4
D1
AIO
Connect to Drain of external Transistor
5
V2_5
AIO
Digital supply output. Connect 2.2uF bypass capacitor to GND
6
xFAULT
DO- OD
Fault output. Open drain. Connect pullup to VDD
7
xRES
DI
Reset input active low
8
FB1
AIO
Power supply feedback output1
9
FB2
AIO
Power supply feedback output2
10
VSSA
AIO
GND
11
VDD
AIO
Power supply. Connect 4.7uF bypass capacitor to GND
12
VSS_SENSE
AIO
VSS sense input. Keep this node noise free
13
D16
AIO
Connect to Drain of external Transistor
14
S16
AIO
Connect to Source of External Transistor and to Resistor RSET
15
G16
AIO
Connect to Gate of External Transistor
16
G15
AIO
Connect to Gate of External Transistor
17
S15
AIO
Connect to Source of External Transistor and to Resistor RSET
18
D15
AIO
Connect to Drain of external Transistor
19
D14
AIO
Connect to Drain of external Transistor
20
S14
AIO
Connect to Source of External Transistor and to Resistor RSET
21
G14
AIO
Connect to Gate of External Transistor
22
G13
AIO
Connect to Gate of External Transistor
23
S13
AIO
Connect to Source of External Transistor and to Resistor RSET
24
D13
AIO
Connect to Drain of external Transistor
25
D12
AIO
Connect to Drain of external Transistor
26
S12
AIO
Connect to Source of External Transistor and to Resistor RSET
27
G12
AIO
Connect to Gate of External Transistor
28
G11
AIO
Connect to Gate of External Transistor
29
S11
AIO
Connect to Source of External Transistor and to Resistor RSET
30
D11
AIO
Connect to Drain of external Transistor
31
D10
AIO
Connect to Drain of external Transistor
32
S10
AIO
Connect to Source of External Transistor and to Resistor RSET
33
G10
AIO
Connect to Gate of External Transistor
34
G9
AIO
Connect to Gate of External Transistor
35
S9
AIO
Connect to Source of External Transistor and to Resistor RSET
36
D9
AIO
Connect to Drain of external Transistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com