Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3695C Datasheet(PDF) 39 Page - ams AG

Part # AS3695C
Description  16 channel white LED controller for LCD backlight
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3695C Datasheet(HTML) 39 Page - ams AG

Back Button AS3695C Datasheet HTML 32Page - ams AG AS3695C Datasheet HTML 33Page - ams AG AS3695C Datasheet HTML 34Page - ams AG AS3695C Datasheet HTML 35Page - ams AG AS3695C Datasheet HTML 36Page - ams AG AS3695C Datasheet HTML 37Page - ams AG AS3695C Datasheet HTML 38Page - ams AG AS3695C Datasheet HTML 39Page - ams AG AS3695C Datasheet HTML 40Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
AS3695C
austriamicrosystems
www.austriamicrosystems.com
Rev 1.11 / 2010-12-08
38 - 39
9
Thermal characteristic
The thermal characteristics of the devices were measured at 25°C ambient temperature. The device
was mounted on a double sided FR4 PCB with the bottom layer used as cooling area.
9.1
QFN64
10 Ordering information
Part Number
Marking
Package Type
Delivery Form
Description
AS3695C-ZMFT AS3695C
QFN64
Tape and Reel
in Dry Pack
Package size = 9x9mm, Pitch = 0.5mm,
Pb-free;
AS3695C-ZLQT AS3695C
LQFP64
Tape and Reel
in Dry Pack
Package size = 14x14mm, Pitch = 0.8mm,
Pb-free;
Bottom Layer
PCB FR4, 1cm distance from ground
Thermal vias 0.3mm
20
30
40
50
60
70
80
90
100
0
0,5
1
1,5
2
2,5
3
power dissipation
Tcase vs Power QFN64 with different copper area. Tamb = 25°C
0x0mm
10x10mm
20x20mm
30x30mm
50x50mm
70x70mm
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
60
Area [mm^2]
Rth_CA [K/W] vs Copper Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com