Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3695C Datasheet(PDF) 13 Page - ams AG

Part # AS3695C
Description  16 channel white LED controller for LCD backlight
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3695C Datasheet(HTML) 13 Page - ams AG

Back Button AS3695C Datasheet HTML 9Page - ams AG AS3695C Datasheet HTML 10Page - ams AG AS3695C Datasheet HTML 11Page - ams AG AS3695C Datasheet HTML 12Page - ams AG AS3695C Datasheet HTML 13Page - ams AG AS3695C Datasheet HTML 14Page - ams AG AS3695C Datasheet HTML 15Page - ams AG AS3695C Datasheet HTML 16Page - ams AG AS3695C Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
AS3695C
austriamicrosystems
www.austriamicrosystems.com
Rev 1.11 / 2010-12-08
12 - 39
2.
External Clock signal. This is usually the HSYNC signal of the TV.
3.
Internal clock signal that is synchronized to the external VSYNC signal by means of a PLL
The VSYNC input can be used as reference clock for the PLL and also as reset signal for all PWM-
generators.
4.2.2 PWM-counter
Each PWM-generator is build with a 12bit counter and digital comparators. The counter is counting up
with tclk until the value stored in “PWMper” is reached. This resets the counter and starts the next period.
While the counter value is below “PWMxHT” the PWM-singal is “1”, the rest of the period the PWM-
signal is “0”. The output of each PWM-generator can also be inverted by means of the “PWMrev”.
4.2.3 SPI data update, UPDATEmode bit
The PWM-settings that are programmed via the SPI-Interface take effect depending on the status of the
“UPDATEmode”-bit.
If UPDATEmode =1 new data from the serial interface are stored at the next rising edge of VSYNC
If UPDATEmode =0 new data from the serial interface are stored immediately after xCS goes high and
will take effect after current PWM cylce is finished. In this mode the values in the PWMxdel registers are
ignored. There will be no Delay on the PWM signals.
Delay
Counter
Compare
R
Reset
res
clk
Compare
Or
PWM
Reset
PWMper
PWMxdel
PWMrev
PWMxHT
PWMxHT
PWMxDEL
PWMper
VSYNC
PWMx
*tclk
*tclk
*tclk
clk
PWM-parameter update at third rising edge
VSYNC
clk
SCLK
SDI
xCS
PWM-parameter update. Takes effect after current PWM cycle has finished
If UPDATEmode = 0
If UPDATEmode = 1
No PW M update allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com